Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 136 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 132Page - Texas Instruments TMS320DM640 Datasheet HTML 133Page - Texas Instruments TMS320DM640 Datasheet HTML 134Page - Texas Instruments TMS320DM640 Datasheet HTML 135Page - Texas Instruments TMS320DM640 Datasheet HTML 136Page - Texas Instruments TMS320DM640 Datasheet HTML 137Page - Texas Instruments TMS320DM640 Datasheet HTML 138Page - Texas Instruments TMS320DM640 Datasheet HTML 139Page - Texas Instruments TMS320DM640 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 171 page
background image
Multichannel Buffered Serial Port (McBSP)
136
June 2003 − Revised August 2004
SPRS222C
4.12
Multichannel Buffered Serial Port (McBSP)
The McBSP provides these functions:
•
Full-duplex communication
•
Double-buffered data registers, which allow a continuous data stream
•
Independent framing and clocking for receive and transmit
•
Direct interface to industry-standard codecs, analog interface chips (AICs), and other serially connected
analog-to-digital (A/D) and digital-to-analog (D/A) devices
•
External shift clock or an internal, programmable frequency shift clock for data transfer
For more detailed information on the McBSP peripheral, see the TMS320C6000 DSP Multichannel Buffered
Serial Port (McBSP) Reference Guide (literature number SPRU580).
4.12.1
McBSP Peripheral Register Description(s)
Table 4−41. McBSP 0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
018C 0000
DRR0
McBSP0 data receive register via Configuration Bus
The CPU and EDMA controller
can only read this register; they
cannot write to it.
0x3000 0000 − 0x33FF FFFF
DRR0
McBSP0 data receive register via Peripheral Bus
018C 0004
DXR0
McBSP0 data transmit register via Configuration Bus
0x3000 0000 − 0x33FF FFFF
DXR0
McBSP0 data transmit register via Peripheral Bus
018C 0008
SPCR0
McBSP0 serial port control register
018C 000C
RCR0
McBSP0 receive control register
018C 0010
XCR0
McBSP0 transmit control register
018C 0014
SRGR0
McBSP0 sample rate generator register
018C 0018
MCR0
McBSP0 multichannel control register
018C 001C
RCERE00
McBSP0 enhanced receive channel enable register 0
018C 0020
XCERE00
McBSP0 enhanced transmit channel enable register 0
018C 0024
PCR0
McBSP0 pin control register
018C 0028
RCERE10
McBSP0 enhanced receive channel enable register 1
018C 002C
XCERE10
McBSP0 enhanced transmit channel enable register 1
018C 0030
RCERE20
McBSP0 enhanced receive channel enable register 2
018C 0034
XCERE20
McBSP0 enhanced transmit channel enable register 2
018C 0038
RCERE30
McBSP0 enhanced receive channel enable register 3
018C 003C
XCERE30
McBSP0 enhanced transmit channel enable register 3
018C 0040 − 018F FFFF
–
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com