Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96551 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM96551
Description  Ultrasound Transmit Pulser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96551 Datasheet(HTML) 5 Page - Texas Instruments

  LM96551 Datasheet HTML 1Page - Texas Instruments LM96551 Datasheet HTML 2Page - Texas Instruments LM96551 Datasheet HTML 3Page - Texas Instruments LM96551 Datasheet HTML 4Page - Texas Instruments LM96551 Datasheet HTML 5Page - Texas Instruments LM96551 Datasheet HTML 6Page - Texas Instruments LM96551 Datasheet HTML 7Page - Texas Instruments LM96551 Datasheet HTML 8Page - Texas Instruments LM96551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LM96551
www.ti.com
SNAS511B – OCTOBER 2011 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Maximum Junction Temperature (TJMAX)
+150°C
Storage Temperature Range
−40°C to +125°C
Supply Voltage (VDD)
–0.3V to +12V
Supply Voltage (VDN)
+0.3V and
−12V
Supply Voltage (VPP)
–0.3V and +55V
Supply Voltage (VNN)
+0.3V and
−55V
Supply Voltage (VSUB)
−65V
IO Supply Voltage (VLL)
−0.3V to +5.5V
Voltage at Logic Inputs
−0.3V to VLL +0.3V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified to be functional, but do not specify specific performance limits. For specifications and test conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Operating Ratings
Operation Junction Temperature
0°C to + 70°C
VPP,
−VNN; High-voltage supply
+3.3V to +50V
VDD,
−VDN; Level-shift supply
+9V to 11V
VLL, Logic Supply
+2.4V to +5.3V
VSUB, Substrate bias supply
must be most negative
supply
Package Thermal Resistance (
θJA )
19.7 °C/W
ESD Tolerance
Human Body Model
2KV
Machine Model
150V
Charge Device Model
750V
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM96551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com