Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96551 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM96551
Description  Ultrasound Transmit Pulser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96551 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM96551 Datasheet HTML 4Page - Texas Instruments LM96551 Datasheet HTML 5Page - Texas Instruments LM96551 Datasheet HTML 6Page - Texas Instruments LM96551 Datasheet HTML 7Page - Texas Instruments LM96551 Datasheet HTML 8Page - Texas Instruments LM96551 Datasheet HTML 9Page - Texas Instruments LM96551 Datasheet HTML 10Page - Texas Instruments LM96551 Datasheet HTML 11Page - Texas Instruments LM96551 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
VPP
0
Output
NINx
PINx
50%
50%
50%
tdr
tdf
50%
VPP
90%
0
tr
Output
10%
NINx
PINx
90%
10%
tf
LM96551
SNAS511B – OCTOBER 2011 – REVISED MAY 2013
www.ti.com
Continuous-wave (CW) applications are supported for low power consumption down to VPP = -VNN = 3.3V with
Mode =HI.
Internally, the CMOS logic input signals are level shifted to VDD = 10V and VDN = -10V for pulse transmission.
The outputs of the level shifter drive the high-voltage P and N drivers that control the output power MOSFETs,
which are supplied from the positive and negative rails VPP and VNN, respectively. The high-voltage rails are
designed for a maximum of 50V; however, they can be operated down to 3.3V. The necessary gate-overdrive
voltage levels for the output drivers are internally generated from the high-voltage rails.
Over-Temperature Protection (OTP) is implemented by continuously monitoring the on-chip temperature. The
OTP output (open drain) pin goes LO when the chip temperature exceeds a critical level. Prior to this event, the
user must ensure that the chip is powered down before fatal damage occurs. In addition to a primary software
controlled safety shutdown, the OTP pin can be also be hard-wired to the EN pin as a secondary safety
measure.
Timing Diagrams
RISE AND FALL TIME
The timing diagram shown in Figure 4 defines the rise and fall times tr and tf.
Figure 4. Timing Diagram Defining Rise and Fall Times
tr and tf, respectively
INPUT TO OUTPUT DELAY
The timing diagram shown in Figure 5 defines the delays between the input and output signals.
Figure 5. Timing Diagram Defining Input-to-Output Delays Times
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com