Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96551 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM96551
Description  Ultrasound Transmit Pulser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96551 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM96551 Datasheet HTML 5Page - Texas Instruments LM96551 Datasheet HTML 6Page - Texas Instruments LM96551 Datasheet HTML 7Page - Texas Instruments LM96551 Datasheet HTML 8Page - Texas Instruments LM96551 Datasheet HTML 9Page - Texas Instruments LM96551 Datasheet HTML 10Page - Texas Instruments LM96551 Datasheet HTML 11Page - Texas Instruments LM96551 Datasheet HTML 12Page - Texas Instruments LM96551 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
10
VPP=-VNN (V)
CL=150pF
CL=470pF
CL=330pF
114
134
0
20
40
60
80
100
120
OTP Trip Point (°C)
LM96551
www.ti.com
SNAS511B – OCTOBER 2011 – REVISED MAY 2013
Typical Performance Characteristics
Unless otherwise stated, the following conditions apply
VLL = +3.3V, VDD =
−VDN = 10V, VSUB = −55V, VPP = −VNN = 50V, RL = 100Ω, CL = 330pF, Fin=5MHz, TA = 25°C. Mode
= LO, EN = HI
Return-to-Zero Rise Time (RL=2KΩ)
Return-to-Zero Fall Time (RL=2KΩ)
Figure 6.
Figure 7.
Harmonic Distortion (8 pulses)
Differential Input vs. Pulser Output Phase Noise(1)
Figure 8.
Figure 9.
Constant 5W Total Power RL=300Ω
100% CW mode, Mode=HI, VSUB=-10V
Over Temperature Protection
Figure 10.
Figure 11.
(1)
10.24 MHz Differential Input signal from LMK04800 Evaluation board with 122.88 MHz Crystek CVHD-950 VCXO clock source. The
LMK04800 clock output channel was configured with a divide value of 12 and LVCMOS outputs with opposite polarity.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM96551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com