Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96551 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM96551
Description  Ultrasound Transmit Pulser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96551 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM96551 Datasheet HTML 3Page - Texas Instruments LM96551 Datasheet HTML 4Page - Texas Instruments LM96551 Datasheet HTML 5Page - Texas Instruments LM96551 Datasheet HTML 6Page - Texas Instruments LM96551 Datasheet HTML 7Page - Texas Instruments LM96551 Datasheet HTML 8Page - Texas Instruments LM96551 Datasheet HTML 9Page - Texas Instruments LM96551 Datasheet HTML 10Page - Texas Instruments LM96551 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VDD
NIN n
PIN n
VPP
VPF
VDN
Input
Buffer
VNN
HVGND
AGND
Level
Shifter
VLL
EN
OTP
Temp
Sensor
Buffer
Buffer
Level
Shifter
Down
Vout n
MOD
VSUB
VNF
Active
Damper
Level
Shifter
Up
Regulates
LM96551
www.ti.com
SNAS511B – OCTOBER 2011 – REVISED MAY 2013
DC Characteristics
Unless otherwise stated, the following conditions apply.
VLL = +3.3V, VDD =
−VDN = 10V, VSUB = −55V, VPP = −VNN = 50V, TA = 25°C,
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low Input “LO” threshold
1
V
VIH
High Input “HI” threshold
2.3
V
IIN
input current
1
µA
Overview
The LM96551 pulser provides an 8-channel transmit side solution for medical ultrasound applications suitable for
integration into multi-channel (128/256 channel) systems. Its flexible, integrated ±50V pulser architecture enables
low-power designs targeting portable systems. A complete system can be designed using Texas Instrument’s
companion LM965XX chipset.
Figure 3. Block Diagram of High-Voltage Pulser Channel
A functional block diagram of the LM96551 is shown in Figure 3. It has an input buffer at its CMOS logic
interface, which is powered by VLL (2.5 to 5.0V). When EN=HI, driving a channel’s inputs (PIN n or NIN n) HI will
result in a positive or negative pulse at the channel’s output pin (VOUT n), respectively. The output pins VOUT are
pulled to either the positive or negative supplies, VPP or VNN by power MOSFETs.
When PIN and NIN are both LO, Vout is actively clamped to GNDHI at 0V. This clamping reduces harmonic
distortions compared to competing architectures that use bleeding resistors for implementing the return to zero of
the output. The user must avoid the condition in which PIN and NIN are both HI simultaneously, as this
will damage the output stage!
The impedance of the output stage can be controlled via the Mode-pin. When the Mode = HI as shown, only one
output transistor pair drives the output resulting in a peak current of 600 mA at VPP = -VNN = 50V. When
Mode=LO, a peak-current of 2A is achievable resulting in faster transients at the output. However, faster output
transients can lead to significant overshoot of the output signal. This can be avoided using the lower drive current
option.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM96551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com