Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3108IADCPRG4 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPRG4
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS3108IADCPRG4 Datasheet HTML 15Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 16Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 17Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 18Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 19Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 20Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 21Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 22Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
www.ti.com
5
Clock Controls
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Clock management for the TAS3108/TAS3108IA consists of two control structures:
• Master clock management
–
Oversees the selection of the clock frequencies for the 8051 microprocessor, the I2C controller, and
the audio DSP core
–
The master clock (MCLKI or XTALI) is the source for these clocks.
–
In most applications, the master clock drives an on-chip digital phase-locked loop (DPLL), and the
DPLL output drives the microprocessor and audio DSP clocks.
–
Also available is the DPLL bypass mode, in which the high-speed master clock directly drives the
microprocessor and audio DSP clocks.
• Serial audio port (SAP) clock management
–
Oversees SAP master/slave mode
–
Controls output of SCLKOUT1, SCLKOUT2, and LRCLK in the SAP master mode
Figure 5-2 shows the clock circuitry in the TAS3108/TAS3108IA. Input pin MCLKI or XTALI provides the
master clock for the TAS3108/TAS3108IA. Within the TAS3108/TAS3108IA, these two inputs are
combined by an OR gate and, thus, only one of these two sources can be active at any one time. The
source that is not active must be logic 0.
In normal operation, 1, 2, or 4 (as determined by the logic levels set at input pins PLL0 and PLL1) divides
the master clock. The DPLL then multiplies this signal by 11 in frequency (PLL2 = LOW). The multiplier
ratio is always 11 (pin PLL2 = LOW). The DPLL output is the processing clock used by the audio DSP
core.
Submit Documentation Feedback
Clock Controls
19
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com