Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3108IADCPRG4 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPRG4
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPRG4 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS3108IADCPRG4 Datasheet HTML 26Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 27Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 28Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 29Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 30Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 31Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 32Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 33Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
www.ti.com
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Table 6-2. Master Addresses
BASE ADDRESS
CS0
R/W
MASTER ADDRESS
1010 00
0
0
0xA0
1010 00
0
1
0xA1
1010 00
1
0
0xA2
1010 00
1
1
0xA3
The following is an example use of the I2C master address to access an external EEPROM. The
TAS3108/TAS3108IA can address up to two EEPROMs depending on the state of CS0. Initially, the
TAS3108/TAS3108IA comes up in I2C master mode. If it finds a memory such as the 24C512 EEPROM, it
reads the headers and data as previously described. In this I2C master mode, the TAS3108/TAS3108IA
addresses the EEPROMs as shown in Table 6-3 and Table 6-4.
Table 6-3. EEPROM Address I2C TAS3108/TAS3108IA Master Mode = 0xA1/A0
A0
MSB
CS0
R/W
(EEPROM)
1
0
1
0
0
0
0
1/0
Table 6-4. EEPROM Address I2C TAS3108/TAS3108IA Master Mode = 0xA3/A2
A0
MSB
CS0
R/W
(EEPROM)
1
0
1
0
0
0
1
1/0
Random I2C Transactions
Supplying a subaddress for each subaddress transaction is referred to as random I2C addressing. For
random I2C read commands, the TAS3108/TAS3108IA responds with data, a byte at a time, starting at the
subaddress assigned, as long as the master device continues to respond with acknowledges. If a given
subaddress does not use all 32 bits, the unused bits are read as logic 0. I2C write commands, however,
are treated in accordance with the data assignment for that address space. If a write command is received
for a biquad subaddress, for example, the TAS3108/TAS3108IA expects to see five 32-bit words. If fewer
than five data words have been received when a stop command (or another start command) is received,
the data received is discarded.
Sequential I2C Transactions
The TAS3108/TAS3108IA also supports sequential I2C addressing. For write transactions, if a subaddress
is issued followed by data for that subaddress and the 15 subaddresses that follow, a sequential I2C write
transaction has taken place, and the data for all 16 subaddresses is successfully received by the
TAS3108/TAS3108IA. For I2C sequential write transactions, the subaddress then serves as the start
address, and the amount of data subsequently transmitted before a stop or start is transmitted determines
how many subaddresses are written to. As was true for random addressing, sequential addressing
requires that a complete set of data be transmitted. If only a partial set of data is written to the last
subaddress, the data for the last subaddress is discarded. However, all other data written is accepted; just
the incomplete data is discarded.
Sequential read transactions do not have restrictions on outputting only complete subaddress data sets.
If the master does not issue enough data-received acknowledges to receive all the data for a given
subaddress, the master device does not receive all the data.
If the master device issues more data-received acknowledges than required to receive the data for a given
subaddress, the master device simply receives complete or partial sets of data, depending on how many
data-received acknowledges are issued from the subaddress(es) that follow. I2C read transactions, both
sequential and random, can impose wait states.
Microprocessor Controller
30
Submit Documentation Feedback
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com