Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3108IADCPRG4 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPRG4
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPRG4 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS3108IADCPRG4 Datasheet HTML 38Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 39Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 40Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 41Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 42Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 43Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 44Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 45Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
www.ti.com
7.3 I
2C Memory Load Control and Data Registers (0x04 and 0x05)
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Registers 0x04 (Table 7-3) and 0x05 (Table 7-4) allow the user to download TAS3108/TAS3108IA
program code and data directly from the system I2C controller. This mode is called the I2C slave mode
(from the TAS3108/TAS3108IA point-of-view). See the TAS3108/TAS3108IA Firmware Programmer's
Guide (SLEU067) for more details.
Table 7-3. TAS3108/TAS3108IA Memory Load Control Register (0x04)
BYTE
DATA BLOCK FORMAT
SIZE
NOTES
1–2
Checksum code
2 bytes
Checksum of bytes 2 through N + 8. If this is a termination header,
this value is 0000.
3–4
Memory to be loaded
2 bytes
0 Microprocessor program memory
1 Microprocessor external data memory
2 Audio DSP core program memory
3 Audio DSP core coefficient memory
4 Audio DSP core data memory
5–15 Reserved for future expansion
5
Unused
1 byte
Reserved for future expansion
6–7
Starting TAS3108/TAS3108IA memory
2 bytes
If this is a termination header – this value is 0000.
address
7–8
Number of data bytes to be transferred
2 bytes
If this is a termination header – this value is 0000.
Table 7-4. TAS3108/TAS3108IA Memory Load Data Register (0x05)
BYTE
8-BIT DATA
28-BIT DATA
48-BIT DATA
54-BIT DATA
1
Datum 1 D7–D0
0000 D27–D24
0000 0000
0000 0000
2
Datum 2 D7–D0
D7–D0
0000 0000
00 D53–D48
3
Datum 3 D7–D0
D15–D8
D47–D40
D47–D40
4
Datum 4 D7–D0
D7–D0
D39–D32
D39–D32
5
Datum 5 D7–D0
0000 D27–D24
D31–D24
D31–D24
6
Datum 6 D7–D0
D23–D16
D23–D16
D23–D16
7
Datum 7 D7–D0
D15–D8
D15–D8
D15–D8
8
Datum 8 D7–D0
D7–D0
D7–D0
D7–D0
42
Submit Documentation Feedback
I2C Register Map
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com