Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3108IADCPRG4 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPRG4
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPRG4 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS3108IADCPRG4 Datasheet HTML 36Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 37Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 38Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 39Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 40Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 41Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 42Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 43Page - Texas Instruments TAS3108IADCPRG4 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
www.ti.com
7.1.5
Audio Data Word Size
7.1.6
Input and Output Data Format
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Bits 12–11 (IW1 and IW0) define the data word size for the input SAP. Bits 9–8 (OW1 and OW0) define
the data word size for the output SAP.
IW1/OW1
IW0/OW0
DESCRIPTION
0
0
32-bit audio data
0
1
16-bit audio data
1
0
20-bit audio data
1
1
24-bit audio data
Bits 7–4 (IM3, IM2, IM1, and IM0) define the input data format. Bits 3–0 (OM3, OM2, OM1, and OM0)
define the output data format. The two formats need not be the same, only compatible.
IM3/OM3
IM2/OM2
IM1/OM1
IM0/OM0
DESCRIPTION
0
0
0
0
2 channel, left justified
0
0
0
1
2 channel, right justified
0
0
1
0
2 channel, I2S
0
0
1
1
TDM, left justified (8 channels)
0
1
0
0
TDM, left justified (6 channels)
0
1
0
1
TDM, left justified (4 channels)
0
1
1
0
TDM, I2S (8 channels)
0
1
1
1
TDM, I2S (6 channels)
1
0
0
0
TDM, I2S (4 channels)
1
0
0
1
2 channel, I2S
1
0
1
0
2 channel, I2S
1
0
1
1
2 channel, I2S
1
1
0
0
2 channel, I2S
1
1
0
1
2 channel, I2S
1
1
1
0
2 channel, I2S
1
1
1
1
2 channel, I2S
40
Submit Documentation Feedback
I2C Register Map
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com