Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5706APAPR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAPR
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAPR Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS5706APAPR Datasheet HTML 51Page - Texas Instruments TAS5706APAPR Datasheet HTML 52Page - Texas Instruments TAS5706APAPR Datasheet HTML 53Page - Texas Instruments TAS5706APAPR Datasheet HTML 54Page - Texas Instruments TAS5706APAPR Datasheet HTML 55Page - Texas Instruments TAS5706APAPR Datasheet HTML 56Page - Texas Instruments TAS5706APAPR Datasheet HTML 57Page - Texas Instruments TAS5706APAPR Datasheet HTML 58Page - Texas Instruments TAS5706APAPR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
DOWNMIX INPUT MULTIPLEXER REGISTER (0x21)
TAS5706A
TAS5706B
www.ti.com............................................................................................................................................. SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009
Bits D31–D16:
Unused
Bits D15–D13:
Reserved
Bit D12:
If 1, selects downmix data L’ to internal channel L
If 0, selects channel 1 data (from input mux 1) to DAP internal channel 1
Bit D11:
If 1, selects downmix data R’ to the DAP internal channel 2
If 0, selects channel 2 data (from input mux 2) to DAP internal channel 2
Bits D10–D8:
Reserved
Bits D7–D3:
Reserved
Bit D1:
If 1, enable data from input mux 2 to downmix block
If 0, disable data from input mux 2 to downmix block
Bit D0:
If 1, enable data from input mux 1 to downmix block
If 0, disable data from input mux 1 to downmix block
Table 20. Downmix Input Multiplexer Register
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
Unused
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
Unused
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
1
0
Reserved (1)
1
Enable downmix data L’ to channel 1
0
Enable channel 1 data to channel 1 (1)
1
Enable downmix data R’ to channel 2
0
Enable channel 2 data to channel 2 (1)
0
Reserved
0
0
Enable channel 6 data to channel 6
0
1
Enable bass management on channel 6
1
0
Enable (L'+R')/2 downmix data on channel 6 (1)
1
1
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
Enable data from input multiplexer 1 to downmix block (1)
0
Disable data from input multiplexer 1 to downmix block
1
Enable data from input multiplexer 2 to downmix block (1)
0
Disable data from input multiplexer 2 to downmix block
0
0
0
0
0
0
Reserved (1)
(1)
Default values are in bold.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com