Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3950 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950 Datasheet(HTML) 4 Page - Texas Instruments

  LP3950 Datasheet HTML 1Page - Texas Instruments LP3950 Datasheet HTML 2Page - Texas Instruments LP3950 Datasheet HTML 3Page - Texas Instruments LP3950 Datasheet HTML 4Page - Texas Instruments LP3950 Datasheet HTML 5Page - Texas Instruments LP3950 Datasheet HTML 6Page - Texas Instruments LP3950 Datasheet HTML 7Page - Texas Instruments LP3950 Datasheet HTML 8Page - Texas Instruments LP3950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LP3950
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
V (SW, FB, R1–2, G1–2, B1–2)
(4) (5)
−0.3V to +7.2V
VDD1, VDD2, VDDIO, VDDA
−0.3V to +6.0V
Voltage on ASE, AD1, AD2
−0.3V to VDD1 +0.3V with 6.0V max
Voltage on Logic Pins
−0.3V to VDD_IO+0.3V with 6.0V max
I (R1, G1, B1, R2, G2, B2)
(6)
150 mA
I (VREF)
10 µA
Continuous Power Dissipation
(7)
Internally Limited
Junction Temperature (TJ-MAX)
125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature
260°C
(Reflow soldering, 3 times) (8)
ESD Rating (9)
Human Body Model:
2 kV
Machine Model:
200V
(1)
All voltages are with respect to the potential at the GND pins (GND1–3, GND_BOOST, GND_RGB, GNDA).
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
Battery/Charger voltage should be above 6.0V no more than 10% of the operational lifetime.
(5)
Voltage tolerance of LP3950 above 6.0V relies on fact that VDD1, VDD2 and VDDA (2.8V) are available (ON) at all conditions. If VDD1,
VDD2 and VDDA are not available (ON) at all conditions, Texas Instruments does not guarantee any parameters or reliability for this
device. Also, VDD1, VDD2 and VDDA must be at the same electric potential.
(6)
The total load current of the boost converter should be limited to 300 mA.
(7)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typ.) and
disengages at TJ = 140°C (typ.).
(8)
For detailed package and soldering specifications and information, please refer to Texas Instruments Application Note 1125 (SNAA002):
Laminate CSP/FBGA.
(9)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
V (SW, FB, R1–2, G1–2, B1–2)
0V to 6.0V
VDD1, VDD2, VDDA
(3)
2.7V to 2.9V
VDDIO
1.65V to VDD1,2 V
Voltage on ASE, AD1, AD2
0.1V to VDD1 - 0.1V
Recommended Load Current
0 mA to 300 mA
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
(4)
−40°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins (GND1–3, GND_BOOST, GND_RGB, GNDA).
(3)
Voltage tolerance of LP3950 above 6.0V relies on fact that VDD1, VDD2 and VDDA (2.8V) are available (ON) at all conditions. If VDD1,
VDD2 and VDDA are not available (ON) at all conditions, Texas Instruments does not guarantee any parameters or reliability for this
device. Also, VDD1, VDD2 and VDDA must be at the same electric potential.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP − (θJA x PD-MAX).
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com