Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3950 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3950 Datasheet HTML 4Page - Texas Instruments LP3950 Datasheet HTML 5Page - Texas Instruments LP3950 Datasheet HTML 6Page - Texas Instruments LP3950 Datasheet HTML 7Page - Texas Instruments LP3950 Datasheet HTML 8Page - Texas Instruments LP3950 Datasheet HTML 9Page - Texas Instruments LP3950 Datasheet HTML 10Page - Texas Instruments LP3950 Datasheet HTML 11Page - Texas Instruments LP3950 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LP3950
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
Logic Interface Characteristics
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC INPUTS SS, SI, SCK/SCL, PWM_LED, IF_SEL
VIL
Input Low Level
0.5
V
VIH
Input High Level
VDDIO − 0.5
V
II
Logic Input Current
−1.0
1.0
µA
fSCL
Clock Frequency
I2C Mode
400
kHz
SPI Mode
8
MHz
LOGIC OUTPUT SO
VOL
Output Low Level
ISO = 3.0 mA
0.3
0.5
V
VOH
Output High Level
ISO = −3.0 mA
VDDIO − 0.5
VDDIO − 0.3
V
IL
Output Leakage Current
VSO = 2.8V
1.0
µA
LOGIC I/O SDA
VOL
Output Low Level
ISDA = 3.0 mA
0.3
0.5
V
LOGIC INPUTS DME, AMODE (Internal pull down 1 M
Ω)
VIL
Input Low Level
0.5
V
VIH
Input High Level
VDDIO − 0.5
V
II
Logic Input Current
−1.0
6.0
µA
(1)
(1.80V
≤ VDDIO ≤ VDD1,2V). Limits in standard typeface are for TJ = +25°C. Limits in boldface type apply over the operating ambient
temperature range (
−40°C ≤ TA ≤ +85°C).
Logic Interface Characteristics, Low I/O Voltage
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC INPUTS SCL, PWM_LED, IF_SEL
VIL
Input Low Level
0.35
V
VIH
Input High Level
VDDIO − 0.35
V
II
Logic Input Current
−1.0
1.0
µA
fSCL
Clock Frequency
I2C Mode
200
kHz
LOGIC I/O SDA
VOL
Output Low Level
ISDA = 3.0 mA
0.3
0.5
V
LOGIC INPUTS DME, AMODE (Internal pull down 1 M
Ω)
VIL
Input Low Level
0.35
V
VIH
Input High Level
VDDIO − 0.35
V
II
Logic Input Current
−1.0
6.0
µA
(1)
(1.65V
≤ VDDIO < 1.80V) . I
2C compatible interface only.
Logic Input NRST Characteristics
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
Input Low Level
0.5
V
VIH
Input High Level
1.3
V
II
Logic Input Current
−1.0
1.0
µA
tNRST
Reset Pulse Width
Note: Guaranteed by
10
µs
design
(1)
(1.65V
≤ VDDIO ≤ VDD1,2V).
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com