Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3950 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950 Datasheet(HTML) 1 Page - Texas Instruments

  LP3950 Datasheet HTML 1Page - Texas Instruments LP3950 Datasheet HTML 2Page - Texas Instruments LP3950 Datasheet HTML 3Page - Texas Instruments LP3950 Datasheet HTML 4Page - Texas Instruments LP3950 Datasheet HTML 5Page - Texas Instruments LP3950 Datasheet HTML 6Page - Texas Instruments LP3950 Datasheet HTML 7Page - Texas Instruments LP3950 Datasheet HTML 8Page - Texas Instruments LP3950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LP3950
VDD1
VDD2
VDDA
CVDD1
CVDD2
CVDDA
100 nF
100 nF
100 nF
2.8V
CIN
10 PF
4.7 PH
L1
VIN
COUT
10 PF
D1
RR1
RG1
RB1
RR2
RG2
RB2
RT
82k
CVREF
100 nF
SW
FB
R1
G1
B1
R2
G2
B2
RT
VREF
GNDs
AUDIO SIGNAL
C1
10 nF
AUDIO SIGNAL
SINGLE-ENDED
DIFFERENTIAL
C2
10 nF
C3
10 nF
MICROCONTROLLER
4
SERIAL
INTERFACE
NRST
PWM_LED
VDD_IO
CVDD_IO
100 nF
IF_SEL
DME
AMODE
ASE
AD1
AD2
LP3950
www.ti.com
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
LP3950 Color LED Driver with Audio Synchronizer
Check for Samples: LP3950
1
FEATURES
DESCRIPTION
The LP3950 is a color LED driver with a built-in audio
2
•
Audio Synchronization for Color LEDs with
synchronization feature for any analog audio input
Two Modes: Amplitude and Frequency
such as polyphonic ring tones and MP3 music. LEDs
•
Programmable Frequency and Amplitude
can be synchronized to an audio signal with two
Response with Tracking Speed Control
methods - amplitude and frequency. Also several fine
tuning
options
are
available
for
differentiation
•
Automatic Gain Control or Selectable Gain for
purposes. The chip also has an unique AGC
Input Signal Optimization
(Automatic Gain Control) feature which tracks the
•
RGB Pattern Generator Similar to
input signal level and automatically adjusts the gain
LP3933/LP3936
to an optimal value.
•
Magnetic DC-DC Boost Converter with
The LP3950 has a high efficiency magnetic DC/DC
Programmable Boost Output Voltage
converter with programmable output voltage and
•
Selectable SPI or I2C Compatible Interface
switching frequency. The converter has high output
current capability so it is also able to drive flash LEDs
•
One Pin Default Enable for Non-Serial Interface
in camera phone applications.
Users. One Pin Selector for Synchronization
Mode
The LP3950 is similar to LP3933 and LP3936 in that
•
Space Efficient 32-Pin TLGA Package
the color LEDs (or RGB LEDs) can also be
programmed
to
generate
light
patterns
(programmable color, intensity, on/off timing, slope
APPLICATIONS
and blinking cycle).
•
Cellular Phones
All functions are software controllable through a SPI
•
MP3/CD/Minidisc Players
or I2C compatible interface but the device also
•
Toys
supports one pin control for enabling predefined
(default) audio synchronization mode.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
LP3950SL NSC-LP3950SL Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
LP3950SLX NSC-LP3950SLX Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
More results

Similar Description - LP3950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
Audio Synchronized Color LED Driver
logo
New Japan Radio
NJU6060 NJRC-NJU6060 Datasheet
70Kb / 12P
Full Color LED Controller Driver with PWM Control
logo
Motorola, Inc
MC1378 MOTOROLA-MC1378 Datasheet
141Kb / 6P
COLOR TELEVISION COMPOSITE VIDEO OVERLAY SYNCHRONIZER
logo
National Semiconductor ...
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
LP3952 NSC-LP3952 Datasheet
1Mb / 44P
6-Channel Color LED Driver with Audio Synchronization
logo
Integrated Silicon Solu...
IS31FL3726 ISSI-IS31FL3726 Datasheet
436Kb / 13P
16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Texas Instruments
LM4970 TI1-LM4970 Datasheet
1Mb / 19P
Audio Synchronized Color LED Driver
LP3952 TI1-LP3952 Datasheet
1Mb / 46P
6-Channel Color LED Driver with Audio Synchronization
logo
Integrated Silicon Solu...
IS31FL3726-QFLS2 ISSI-IS31FL3726-QFLS2 Datasheet
436Kb / 14P
16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Shanghai awinic technol...
AW2028H AWINIC-AW2028H Datasheet
1Mb / 39P
3 channel LED Driver with Audio Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com