Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3950 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3950 Datasheet HTML 3Page - Texas Instruments LP3950 Datasheet HTML 4Page - Texas Instruments LP3950 Datasheet HTML 5Page - Texas Instruments LP3950 Datasheet HTML 6Page - Texas Instruments LP3950 Datasheet HTML 7Page - Texas Instruments LP3950 Datasheet HTML 8Page - Texas Instruments LP3950 Datasheet HTML 9Page - Texas Instruments LP3950 Datasheet HTML 10Page - Texas Instruments LP3950 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
STANDBY
RESET
BOOST STARTUP
NORMAL MODE
POR = H
or
=
NRST L
DME =
NSTBY= L and
L and
NRST = H
and
(NSTBY = H or DME = H)
NRST = H
and
and
H
NSTBY = L
DME = L
NRST =
INTERNAL
STARTUP
SEQUENCE
and
(NSTBY = H or DME = H)
NRST = H
~10 ms DELAY
~10 ms DELAY
THSD = L
1)
THSD = H
1
= 95% OK
V
REF
DME = L and
_
EN BOOST = L
1
BOOST
EN_
RISING EDGE
1
EN_BOOST = H
1
DME = H or
LP3950
www.ti.com
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com