Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5401 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 29Page - Texas Instruments TMS320VC5401 Datasheet HTML 30Page - Texas Instruments TMS320VC5401 Datasheet HTML 31Page - Texas Instruments TMS320VC5401 Datasheet HTML 32Page - Texas Instruments TMS320VC5401 Datasheet HTML 33Page - Texas Instruments TMS320VC5401 Datasheet HTML 34Page - Texas Instruments TMS320VC5401 Datasheet HTML 35Page - Texas Instruments TMS320VC5401 Datasheet HTML 36Page - Texas Instruments TMS320VC5401 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
Functional Overview
33
December 2000 − Revised February 2004
SPRS153C
NOTE: All revisions of the 5401 can be operated with an external clock source, provided that the proper voltage levels
be driven on the X2/CLKIN pin. It should be noted that the X2/CLKIN pin is referenced to the device 1.8 V power supply
(CVDD), rather than the 3 V I/O supply (DVDD). Refer to the recommended operating conditions section of this document
for the allowable voltage levels of the X2/CLKIN pin.
The software-programmable PLL features a high level of flexibility, and includes a clock scaler that provides
various clock multiplier ratios, capability to directly enable and disable the PLL, and a PLL lock timer that can
be used to delay switching to PLL clocking mode of the device until lock is achieved. Devices that have a
built-in software-programmable PLL can be configured in one of two clock modes:
•
PLL mode. The input clock (X2/CLKIN) is multiplied by 1 of 31 possible ratios. These ratios are achieved
using the PLL circuitry.
•
DIV (divider) mode. The input clock is divided by 2 or 4. Note that when DIV mode is used, the PLL can
be completely disabled in order to minimize power dissipation.
The software-programmable PLL is controlled using the 16-bit memory-mapped (address 0058h) clock mode
register (CLKMD). The CLKMD register is used to define the configuration of the PLL clock module. Upon
reset, the CLKMD register is initialized with a predetermined value dependent only upon the state of the
CLKMD1 − CLKMD3 pins as shown in Table 3−7.
Table 3−7. Clock Mode Settings at Reset
CLKMD1
CLKMD2
CLKMD3
CLKMD
RESET VALUE
CLOCK MODE
CLKMD1
CLKMD2
CLKMD3
RESET VALUE
CLOCK MODE
0
0
0
E007h
PLL x 15
0
0
1
9007h
PLL x 10
0
1
0
4007h
PLL x 5
1
0
0
1007h
PLL x 2
1
1
0
F007h
PLL x 1
1
1
1
0000h
1/2 (PLL disabled)
1
0
1
F000h
1/4 (PLL disabled)
0
1
1
—
Reserved (bypass mode)
3.8
DMA Controller
The 5401 direct memory access (DMA) controller transfers data between points in the memory map without
intervention by the CPU. The DMA controller allows movements of data to and from internal program/data
memory or internal peripherals (such as the McBSPs) to occur in the background of CPU operation. The DMA
has six independent programmable channels allowing six different contexts for DMA operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com