Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5401 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5401
Description  Fixed-Point Digital Signal Processor
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5401 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC5401 Datasheet HTML 26Page - Texas Instruments TMS320VC5401 Datasheet HTML 27Page - Texas Instruments TMS320VC5401 Datasheet HTML 28Page - Texas Instruments TMS320VC5401 Datasheet HTML 29Page - Texas Instruments TMS320VC5401 Datasheet HTML 30Page - Texas Instruments TMS320VC5401 Datasheet HTML 31Page - Texas Instruments TMS320VC5401 Datasheet HTML 32Page - Texas Instruments TMS320VC5401 Datasheet HTML 33Page - Texas Instruments TMS320VC5401 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
Functional Overview
30
December 2000 − Revised February 2004
SPRS153C
3.5
Multichannel Buffered Serial Ports (McBSPs)
The 5401 device includes two high-speed, full-duplex multichannel buffered serial ports (McBSPs) that allow
direct interface to other C54x/LC54x devices, codecs, and other devices in a system. The McBSPs are based
on the standard serial port interface found on other 54x devices. Like its predecessors, the McBSP provides:
•
Full-duplex communication
•
Double-buffered data registers, which allow a continuous data stream
•
Independent framing and clocking for receive and transmit
In addition, the McBSP has the following capabilities:
•
Direct interface to:
− T1/E1 framers
− MVIP switching compatible and ST-BUS compliant devices
− IOM-2 compliant devices
− Serial peripheral interface devices
•
Multichannel transmit and receive of up to 128 channels
•
A wide selection of data sizes including 8, 12, 16, 20, 24, or 32 bits
•µ-law and A-law companding
•
Programmable polarity for both frame synchronization and data clocks
•
Programmable internal clock and frame generation
The McBSPs consist of separate transmit and receive channels that operate independently. The external
interface of each McBSP consists of the following pins:
•
BCLKX
Transmit reference clock
•
BDX
Transmit data
•
BFSX
Transmit frame synchronization
•
BCLKR
Receive reference clock
•
BDR
Receive data
•
BFSR
Receive frame synchronization
The six pins listed are functionally equivalent to previous serial port interface pins in the TMS320C5000t
platform of DSPs. On the transmitter, transmit frame synchronization and clocking are indicated by the BFSX
and BCLKX pins, respectively. The CPU or DMA can initiate transmission of data by writing to the data transmit
register (DXR). Data written to DXR is shifted out on the BDX pin through a transmit shift register (XSR). This
structure allows DXR to be loaded with the next word to be sent while the transmission of the current word
is in progress.
On the receiver, receive frame synchronization and clocking are indicated by the BFSR and BCLKR pins,
respectively. The CPU or DMA can read received data from the data receive register (DRR). Data received
on the BDR pin is shifted into a receive shift register (RSR) and then buffered in the receive buffer register
(RBR). If the DRR is empty, the RBR contents are copied into the DRR. If not, the RBR holds the data until
the DRR is available. This structure allows storage of the two previous words while the reception of the current
word is in progress.
The CPU and DMA can move data to and from the McBSPs and can synchronize transfers based on McBSP
interrupts, event signals, and status flags. The DMA is capable of handling data movement between the
McBSPs and memory with no intervention from the CPU.
TMS320C5000 is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com