Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7733MFKB Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7733MFKB
Description  Micropower Supply Voltage Supervisors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7733MFKB Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC7733MFKB Datasheet HTML 29Page - Texas Instruments TLC7733MFKB Datasheet HTML 30Page - Texas Instruments TLC7733MFKB Datasheet HTML 31Page - Texas Instruments TLC7733MFKB Datasheet HTML 32Page - Texas Instruments TLC7733MFKB Datasheet HTML 33Page - Texas Instruments TLC7733MFKB Datasheet HTML 34Page - Texas Instruments TLC7733MFKB Datasheet HTML 35Page - Texas Instruments TLC7733MFKB Datasheet HTML 36Page - Texas Instruments TLC7733MFKB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
6.6
6.2
1.2 MAX
6X 0.65
8X 0.30
0.19
2X
1.95
0.15
0.05
(0.15) TYP
0 - 8
0.25
GAGE PLANE
0.75
0.50
A
NOTE 3
3.1
2.9
B
NOTE 4
4.5
4.3
4221848/A 02/2015
TSSOP - 1.2 mm max height
PW0008A
SMALL OUTLINE PACKAGE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-153, variation AA.
1
8
0.1
C A
B
5
4
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com