Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7733MFKB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7733MFKB
Description  Micropower Supply Voltage Supervisors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7733MFKB Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC7733MFKB Datasheet HTML 30Page - Texas Instruments TLC7733MFKB Datasheet HTML 31Page - Texas Instruments TLC7733MFKB Datasheet HTML 32Page - Texas Instruments TLC7733MFKB Datasheet HTML 33Page - Texas Instruments TLC7733MFKB Datasheet HTML 34Page - Texas Instruments TLC7733MFKB Datasheet HTML 35Page - Texas Instruments TLC7733MFKB Datasheet HTML 36Page - Texas Instruments TLC7733MFKB Datasheet HTML 37Page - Texas Instruments TLC7733MFKB Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(5.8)
6X (0.65)
8X (0.45)
8X (1.5)
(R
) TYP
0.05
4221848/A 02/2015
TSSOP - 1.2 mm max height
PW0008A
SMALL OUTLINE PACKAGE
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
4
5
8
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:10X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com