Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7733MFKB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7733MFKB
Description  Micropower Supply Voltage Supervisors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7733MFKB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC7733MFKB Datasheet HTML 2Page - Texas Instruments TLC7733MFKB Datasheet HTML 3Page - Texas Instruments TLC7733MFKB Datasheet HTML 4Page - Texas Instruments TLC7733MFKB Datasheet HTML 5Page - Texas Instruments TLC7733MFKB Datasheet HTML 6Page - Texas Instruments TLC7733MFKB Datasheet HTML 7Page - Texas Instruments TLC7733MFKB Datasheet HTML 8Page - Texas Instruments TLC7733MFKB Datasheet HTML 9Page - Texas Instruments TLC7733MFKB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TLC7701, TLC7725, TLC7703
TLC7733, TLC7705
SLVS087M – DECEMBER 1994 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating conditions
(1) (unless otherwise noted)
TLC77xx
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
VDD = 2 V
1.8
IOH = –20 µA
VDD = 2.7 V
2.5
High-level output
VOH
V
voltage
VDD = 4.5 V
4.3
IOH = 2 –mA
VDD = 4.5 V
3.7
VDD = 2 V
0.2
IOL = 20 µA
VDD = 2.7 V
0.2
Low-Level output
VOL
V
voltage
VDD = 4.5 V
0.2
IOL = 2 mA
VDD = 4.5 V
0.5
TCLC7701
1.04
1.1
1.16
TLC7725
2.18
2.25
2.32
Negative-going input threshold voltage,
VIT–
TLC7703
VDD = 2 V to 6 V
2.56
2.63
2.70
mV
SENSE(2)
TLC7733
2.86
2.93
3
TLC7705
4.47
4.55
4.63
TCLC7701
30
TLC7725
Vhus
Hysteresis voltage, SENSE
TLC7703
VDD = 2 V to 6 V
mV
70
TLC7733
TLC7705
Vres
Power-up reset voltage(3)
IOL = 20 µA
1
V
RESIN
VI = 0 V to VDD
2
CONTROL
VI = VDD
7
15
II
Input current
µA
SENSE
VI = 5 V
5
10
SENSE, TLC7701 only
VI = 5 V
2
RESIN = VDD, SENSE = VDD ≥ VITmax + 0.2 V,
IDD
Supply current
9
16
µA
CONTROL = 0 V, Outputs open
VDD = 5 V, VCT = 0,
IDD(d)
Supply current during td
RESIN = VDD, SENSE = VDD,
120
150
µA
CONTROL = 0 V, Outputs open
CI
Input capacitance, SENSE
VI = 0 V to VDD
50
pF
(1)
All characteristics are measured with CT = 0.1 µF.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 mF) should be connected near the supply terminals.
(3)
The lowest supply voltage at which RESET becomes active. The symbol Vres is not currently listed within EIA or JEDEC standards for
semiconductor symbology. Rise time of VDD≥ 15 µs/V.
6
Submit Documentation Feedback
Copyright © 1994–2012, Texas Instruments Incorporated
Product Folder Link(s): TLC7701, TLC7725, TLC7703 TLC7733, TLC7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com