Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7733MFKB Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7733MFKB
Description  Micropower Supply Voltage Supervisors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7733MFKB Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC7733MFKB Datasheet HTML 30Page - Texas Instruments TLC7733MFKB Datasheet HTML 31Page - Texas Instruments TLC7733MFKB Datasheet HTML 32Page - Texas Instruments TLC7733MFKB Datasheet HTML 33Page - Texas Instruments TLC7733MFKB Datasheet HTML 34Page - Texas Instruments TLC7733MFKB Datasheet HTML 35Page - Texas Instruments TLC7733MFKB Datasheet HTML 36Page - Texas Instruments TLC7733MFKB Datasheet HTML 37Page - Texas Instruments TLC7733MFKB Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(5.8)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
8X (1.5)
8X (0.45)
6X (0.65)
(R
)
TYP
0.05
4221848/A 02/2015
TSSOP - 1.2 mm max height
PW0008A
SMALL OUTLINE PACKAGE
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:10X
1
4
5
8
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com