Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2037MP Datasheet(PDF) 17 Page - Texas Instruments

Part # TLE2037MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2037MP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLE2037MP Datasheet HTML 13Page - Texas Instruments TLE2037MP Datasheet HTML 14Page - Texas Instruments TLE2037MP Datasheet HTML 15Page - Texas Instruments TLE2037MP Datasheet HTML 16Page - Texas Instruments TLE2037MP Datasheet HTML 17Page - Texas Instruments TLE2037MP Datasheet HTML 18Page - Texas Instruments TLE2037MP Datasheet HTML 19Page - Texas Instruments TLE2037MP Datasheet HTML 20Page - Texas Instruments TLE2037MP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
17
www.ti.com
TYPICAL CHARACTERISTICS
Figure 6
VIO − Input Offset Voltage − μV
TA = 25
°C
VCC± = +15 V
16
14
12
10
8
6
4
2
0
120
90
60
30
− 30
− 60
− 90
− 120
0
D Package
1568 Amplifiers Tested From 2 Wafer Lots
DISTRIBUTION
INPUT OFFSET VOLTAGE
Figure 7
INPUT OFFSET VOLTAGE CHANGE
vs
TIME AFTER POWER ON
0
0
t − Time After Power On − s
10
20
30
40
50
60
2
4
6
8
10
12
50 Amplifiers Tested From 2 Wafer Lots
VCC± = ±15 V
TA = 25°C
D Package
Figure 8
t − Time After Power On − s
INPUT OFFSET VOLTAGE CHANGE
vs
TIME AFTER POWER ON
6
5
4
3
2
1
0
0
20
40
60
80 100 120 140 160 180
50 Amplifiers Tested From 2 Wafer Lots
VCC± = ±15 V
TA = 25°C
P Package
Figure 9
0
5
10
15
20
25
30
150
125
100
75
50
25
0
− 25
− 50
TA − Free-Air Temperature − °C
− 75
INPUT OFFSET CURRENT†
vs
FREE-AIR TEMPERATURE
VCC± = ±15 V
VIC = 0
Sample Size = 833 Units
From 2 Wafer Lots
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com