Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2037MP Datasheet(PDF) 33 Page - Texas Instruments

Part # TLE2037MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2037MP Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLE2037MP Datasheet HTML 29Page - Texas Instruments TLE2037MP Datasheet HTML 30Page - Texas Instruments TLE2037MP Datasheet HTML 31Page - Texas Instruments TLE2037MP Datasheet HTML 32Page - Texas Instruments TLE2037MP Datasheet HTML 33Page - Texas Instruments TLE2037MP Datasheet HTML 34Page - Texas Instruments TLE2037MP Datasheet HTML 35Page - Texas Instruments TLE2037MP Datasheet HTML 36Page - Texas Instruments TLE2037MP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
33
www.ti.com
APPLICATION INFORMATION
macromodel information (continued)
.subckt TLE2027 1 2 3 4 5
*
c1
11
12
4.003E-12
c2
6
7
20.00E-12
dc
5
53
dz
de
54
5
dz
dlp
90
91
dz
dln
92
90
dx
dp
4
3
dz
egnd
99
0
poly(2) (3,0)
(4,0) 0 5 .5
fb
7
99
poly(5) vb vc
ve vlp vln 0 954.8E6 −1E9 1E9 1E9
−1E9
ga
6
0
11
12
2.062E-3
gcm
0
6
10
99
531.3E-12
iee
10
4
dc
56.01E-6
hlim
90
0
vlim 1K
q1
11
2
13 qx
Figure 58. TLE2027 Macromodel Subcircuit
q2
12
1
14 qx
r2
6
9
100.0E3
rc1
3
11
530.5
rc2
3
12
530.5
re1
13
10
−393.2
re2
14
10
−393.2
ree
10
99
3.571E6
ro1
8
5
25
ro2
7
99
25
rp
3
4
8.013E3
vb
9
0
dc
0
vc
3
53
dc
2.400
ve
54
4
dc
2.100
vlim
7
8
dc
0
vlp
91
0
dc
40
vln
0
92
dc
40
.modeldx D(Is=800.0E-18)
.modelqx NPN(Is=800.0E-18
Bf=7.000E3)
.ends
.subckt TLE2037 1 2 3 4 5
*
c1
11
12
4.003E−12
c2
6
7
7.500E−12
dc
5
53
dz
de
54
5
dz
dlp
90
91
dz
dln
92
90
dx
dp
4
3
dz
egnd
99
0
poly(2)
(3,0)
(4,0)
0
.5
.5
fb
7
99
poly(5)
vb vc
ve vip vln 0 923.4E6 A800E6
800E6 800E6 A800E6
ga
6
0
11 12 2.121E−3
gcm
0
6
10 99 597.7E−12
iee
10
4
dc 56.26E−6
hlim
90
0
vlim 1K
q1
11
2
13 qx
Figure 59. TLE2037 Macromodel Subcircuit
q2
12
1
14 qz
r2
6
9
100.0E3
rc1
3
11
471.5
rc2
3
12
471.5
re1
13
10
A448
re2
14
10
A448
ree
10
99
3.555E6
ro1
8
5
25
ro2
7
99
25
rp
3
4
8.013E3
vb
9
0
dc 0
vc
3
53
dc
2.400
ve
54
4
dc
2.100
vlim
7
8
dc
0
vlp
91
0
dc
40
vln
0
92
dc
40
.model
dxD(Is=800.0E−18)
.model
qxNPN(Is=800.0E−18
Bf=7.031E3)
.ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com