Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2037MP Datasheet(PDF) 30 Page - Texas Instruments

Part # TLE2037MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2037MP Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLE2037MP Datasheet HTML 26Page - Texas Instruments TLE2037MP Datasheet HTML 27Page - Texas Instruments TLE2037MP Datasheet HTML 28Page - Texas Instruments TLE2037MP Datasheet HTML 29Page - Texas Instruments TLE2037MP Datasheet HTML 30Page - Texas Instruments TLE2037MP Datasheet HTML 31Page - Texas Instruments TLE2037MP Datasheet HTML 32Page - Texas Instruments TLE2037MP Datasheet HTML 33Page - Texas Instruments TLE2037MP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
30
www.ti.com
TYPICAL CHARACTERISTICS
Figure 53
60°
55°
50°
45°
40°
125
100
75
50
25
0
− 25
− 50
65°
150
TA − Free-Air Temperature −
°C
35°
− 75
VCC± = ±15 V
RL = 2 kΩ
TA = 25
°C
See Figure 3
TLE2027
PHASE MARGIN†
vs
FREE-AIR TEMPERATURE
Figure 54
− 75
45°
TA − Free-Air Temperature − °C
150
− 50 − 25
0
25
50
75 100 125
49°
51°
53°
55°
47°
CL = 100 pF
RL = 2 kΩ
AVD = 5
VCC ± = ± 15 V
TLE2037
PHASE MARGIN†
vs
FREE-AIR TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com