Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2037MP Datasheet(PDF) 20 Page - Texas Instruments

Part # TLE2037MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2037MP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLE2037MP Datasheet HTML 16Page - Texas Instruments TLE2037MP Datasheet HTML 17Page - Texas Instruments TLE2037MP Datasheet HTML 18Page - Texas Instruments TLE2037MP Datasheet HTML 19Page - Texas Instruments TLE2037MP Datasheet HTML 20Page - Texas Instruments TLE2037MP Datasheet HTML 21Page - Texas Instruments TLE2037MP Datasheet HTML 22Page - Texas Instruments TLE2037MP Datasheet HTML 23Page - Texas Instruments TLE2037MP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
20
www.ti.com
TYPICAL CHARACTERISTICS
Figure 18
MAXIMUM NEGATIVE PEAK
OUTPUT VOLTAGE†
vs
FREE-AIR TEMPERATURE
− 14
− 75
TA − Free-Air Temperature − °C
− 13.8
− 13.6
− 13.4
− 13.2
− 13
− 50 − 25
0
25
50
75 100 125 150
RL = 2 kΩ
VCC ± = ± 15 V
Sample Size = 831 Units
From 2 Wafer Lots
Figure 19
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
SUPPLY VOLTAGE
0
0
⎟ VCC±⎟ − Supply Voltage − V
50
4
8
12
16
20
10
20
30
40
RL = 2 kΩ
RL = 1 kΩ
RL = 600 Ω
TA = 25°C
Figure 20
10
0
50
100
200
400
1 k
4 k
10 k
2 k
40
30
20
RL − Load Resistance − Ω
TA = 25°C
VCC± = ± 15 V
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com