Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5007SD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5007SD
Description  High Voltage (80V) Step Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5007SD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5007SD Datasheet HTML 1Page - National Semiconductor (TI) LM5007SD Datasheet HTML 2Page - National Semiconductor (TI) LM5007SD Datasheet HTML 3Page - National Semiconductor (TI) LM5007SD Datasheet HTML 4Page - National Semiconductor (TI) LM5007SD Datasheet HTML 5Page - National Semiconductor (TI) LM5007SD Datasheet HTML 6Page - National Semiconductor (TI) LM5007SD Datasheet HTML 7Page - National Semiconductor (TI) LM5007SD Datasheet HTML 8Page - National Semiconductor (TI) LM5007SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Description
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
1
SW
Switching Node
Power switching node. Connect to the LC output
filter.
2
BST
Boost Boot–strap capacitor input
An external capacitor is required between the BST
and the SW pins. A 0.01uF ceramic capacitor is
recommended. An internal diode between Vcc and
BST completes the Buck gate drive bias network.
3R
CL
Current Limit OFF time programming pin
Toff = 10
-5 / (0.59 + (FB / 7.22 x 10−6 xR
CL))
A resistor between this pin and RTN determines the
variation of off time, along with the FB pin voltage,
per cycle while in current limit. The off time is preset
to 17uS if FB =0V and decreases as the FB pin
voltage increases.
4
RTN
Circuit Ground
5
FB
Feedback Signal from Regulated Output
This pin is connected to the inverting input of the
internal regulation comparator. The regulation
threshold is 2.5V.
6R
ON
On time set pin
Ton = 1.42 x 10
-10 R
ON / Vin
A resistor between this pin and Vin sets the switch
on time as a function of Vin. The minimum
recommended on time is 300ns at the maximum
input voltage.
7
Vcc
Output from the internal high voltage bias
regulator. V
CC is nominally regulated to 7 Volts.
If an auxiliary voltage is available to raise the
voltage on this pin, above the regulation setpoint
(7V), the internal series pass regulator will
shutdown, reducing the IC power dissipation. Do not
exceed 14V. This output provides gate drive power
for the internal Buck switch. An internal diode is
provided between this pin and the BST pin. A local
0.1uF decoupling capacitor is recommended. Series
pass regulator is current limited to 10mA.
8
Vin
Input supply voltage
Recommended operating range: 9V to 75V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com