Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5007SD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5007SD
Description  High Voltage (80V) Step Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5007SD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5007SD Datasheet HTML 1Page - National Semiconductor (TI) LM5007SD Datasheet HTML 2Page - National Semiconductor (TI) LM5007SD Datasheet HTML 3Page - National Semiconductor (TI) LM5007SD Datasheet HTML 4Page - National Semiconductor (TI) LM5007SD Datasheet HTML 5Page - National Semiconductor (TI) LM5007SD Datasheet HTML 6Page - National Semiconductor (TI) LM5007SD Datasheet HTML 7Page - National Semiconductor (TI) LM5007SD Datasheet HTML 8Page - National Semiconductor (TI) LM5007SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range.V
IN = 48V, unless otherwise stated (Note 3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Minimum Off Time
Minimum Off Timer
FB = 0V
300
ns
Regulation and OV Comparators
FB Reference Threshold
Internal reference
Trip point for switch ON
2.445
2.5
2.550
V
FB Over-Voltage Threshold
Trip point for switch OFF
2.875
V
FB Bias Current
100
nA
Thermal Shutdown
Tsd
Thermal Shutdown Temp.
165
˚C
Thermal Shutdown Hysteresis
25
˚C
Thermal Resistance
θ
JA
Junction to Ambient
MUA Package
200
˚C/W
SDC Package
40
˚C/W
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: For detailed information on soldering plastic MSOP and LLP packages, refer to the Packaging Data Book available from National Semiconductor
Corporation.
Note 3: All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production with TA =TJ = 25˚C. All hot and cold limits
are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 4: The VCC output is intended as a self bias for the internal gate drive power and control circuits. Device thermal limitations limit external loading.
Note 5: The human body model is a 100pF capacitor discharge through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged directly
into each pin. The machine model ESD compliance level for Pin 5 is 150V. The human body ESD compliance level for Pin 7 and 8 is 1000V.
Note 6: For devices procurred in the LLP-8 package the Rds(on) limits are guaranteed by design characterization data only.
Detailed Operating Description
The LM5007 Step Down Switching Regulator features all of
the functions needed to implement low cost, efficient, Buck
bias regulators. This high voltage regulator contains an 80V,
0.7A N-Channel Buck Switch. The device is easy to apply
and is provided in the MSOP-8 and the thermally enhanced
LLP-8 packages. The regulator is based on a hysteretic
control scheme using an on time inversely proportional to
Vin. This feature allows the operating frequency to remain
relatively constant with load and input voltage variations. The
hysteretic control requires no control loop compensation,
while providing very fast load transient response. An intelli-
gent current limit scheme is implemented in the LM5007 with
forced off time, after current limit detection, which is in-
versely proportional to Vout. This current limiting scheme
reduces load current foldback. Additional protection features
include: Thermal Shutdown, Vcc undervoltage lockout, Gate
drive undervoltage lockout and Max Duty Cycle limiter. The
LM5007 can be applied in numerous applications to effi-
ciently regulate step down higher voltage inputs. This regu-
lator is well suited for 48 Volt Telcom and the new 42V
Automotive power bus ranges.
Hysteretic Control Circuit
Overview
The LM5007 is a Buck DC-DC regulator that uses an on time
control scheme. The on time is programmed by an external
resistor and varies inversely with line input voltage (Vin). The
core regulation elements of the LM5007 are the feedback
comparator and the on time one-shot. The regulator output
voltage is sensed at the feedback pin (FB) and is compared
to an internal reference voltage (2.5V). If the FB signal is
below the reference voltage, the buck switch is turned on for
a fixed time pulse determined by the line voltage and a
programming resistor (R
ON). Following the on period the
switch will remain off for at least the minimum off timer period
of 300ns. If the FB pin voltage is still below the reference
after the 300ns off time, the switch will turn on again for
another on time period. This switching behavior will continue
until the FB pin voltage reaches the reference voltage level.
The LM5007 operates in discontinuous conduction mode at
light load currents or continuous conduction mode at heavier
load currents. In discontinuous conduction mode, current
through the output inductor starts at zero and ramps up to a
peak value during the buck switch on time and then back to
zero during the off time. The inductor current remains at zero
until the next on time period starts when FB falls below the
internal reference. In discontinuous mode the operating fre-
quency can be relatively low and will vary with load. There-
fore at light loads the conversion efficiency is maintained,
since the switching losses decrease with the reduction in
load current and switching frequency. The approximate dis-
continuous mode operating frequency can be calculated as
follows:
In continuous conduction mode, current flows continuously
through the inductor and never ramps down to zero. In this
mode the operating frequency is greater than the discontinu-
ous mode frequency and remains relatively constant with
load and line variations. The approximate continuous mode
operating frequency can be calculated as follows:
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com