Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5007SD Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5007SD
Description  High Voltage (80V) Step Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5007SD Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM5007SD Datasheet HTML 2Page - National Semiconductor (TI) LM5007SD Datasheet HTML 3Page - National Semiconductor (TI) LM5007SD Datasheet HTML 4Page - National Semiconductor (TI) LM5007SD Datasheet HTML 5Page - National Semiconductor (TI) LM5007SD Datasheet HTML 6Page - National Semiconductor (TI) LM5007SD Datasheet HTML 7Page - National Semiconductor (TI) LM5007SD Datasheet HTML 8Page - National Semiconductor (TI) LM5007SD Datasheet HTML 9Page - National Semiconductor (TI) LM5007SD Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Hysteretic Control Circuit
Overview (Continued)
The output voltage (Vout) can be programmed by two exter-
nal resistors as shown in Figure 1. The regulation point can
be calculated as follows:
V
OUT =2.5x(R1+R2)/R2
The feedback comparator in hysteretic regulators depend
upon the output ripple voltage to switch the output transistor
on and off at regular intervals. In order for the internal
comparator to respond quickly to changes in output voltage,
proportional to inductor current, a minimum amount of ca-
pacitor Equivalent Series Resistance (ESR) is required. A
ripple voltage of 25mV to 50mV is recommended at the
feedback pin (FB) for stable operation. In cases where the
intrinsic capacitor ESR is too small, additional series resis-
tance may be added.
For applications where lower output voltage ripple is re-
quired the load can be connected directly to the low ESR
output capacitor, as shown in Figure 1. The series resistor
(R) will degrade the load regulation. Another technique for
enhancing the ripple voltage at the FB pin is to place a
capacitor in parallel with the feedback divider resistor R1.
The addition of the capacitor reduces the attenuation of the
ripple voltage from the feedback divider
High Voltage Bias Regulator
The LM5007 contains an internal high voltage bias regulator.
The input pin (Vin) can be connected directly to line voltages
from 9 to 75 Volts. To avoid supply voltage transients due to
long lead inductances on the input pin (Vin Pin 8), it is always
recommended to connect low ESR ceramic chip capacitor
() 0.1µF) between "Vin" pin and "RTN" pin (pin 4), located
close to LM5007. The regulator is internally current limited to
10mA. Upon power up, the regulator is enabled and sources
current into an external capacitor connected to the Vcc pin.
When the voltage on the Vcc pin reaches the regulation point
of 7V, the controller output is enabled.
An external auxiliary supply voltage can be applied to the
Vcc pin. If the auxiliary voltage is greater than 7 Volts the
internal regulator will essentially shutoff, thus reducing inter-
nal power dissipation.
20078305
FIGURE 1. Low Ripple Output Configuration
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com