Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5007SD Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5007SD
Description  High Voltage (80V) Step Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5007SD Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM5007SD Datasheet HTML 3Page - National Semiconductor (TI) LM5007SD Datasheet HTML 4Page - National Semiconductor (TI) LM5007SD Datasheet HTML 5Page - National Semiconductor (TI) LM5007SD Datasheet HTML 6Page - National Semiconductor (TI) LM5007SD Datasheet HTML 7Page - National Semiconductor (TI) LM5007SD Datasheet HTML 8Page - National Semiconductor (TI) LM5007SD Datasheet HTML 9Page - National Semiconductor (TI) LM5007SD Datasheet HTML 10Page - National Semiconductor (TI) LM5007SD Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
High Voltage Bias Regulator (Continued)
Over-Voltage Comparator
The over-voltage comparator is provided to protect the out-
put from overvoltage conditions due to sudden input line
voltage changes or output loading changes. The over-
voltage comparator monitors the FB pin versus an internal
2.875V reference (OV_REF). If the voltage at FB rises above
OV_REF the comparator immediately terminates the buck
switch on time pulse.
ON Time generator and Shutdown
The on time of the LM5007 is set inversely proportional to
the input voltage by an external resistor connected between
Ron and Vin. The Ron terminal is a low impedance input
biased at approximately 1.5V. Thus the current through the
resistor and into the Ron terminal is approximately propor-
tional to Vin and used internally to control the on timer. This
scheme of input voltage feed-forward hysteretic operation
achieves nearly constant operational frequency over varying
line and load conditions. The on time equation for the
LM5007 is :
Ton=1.42x10
-10 xR
ON /VIN
The R
ON pin of the LM5007 also provides a shutdown func-
tion which disables the regulator and significantly decreases
quiescent power dissipation. By pulling the R
ON pin to below
0.7V logic threshold activates the low power shutdown
mode. The V
IN quiescent current in the shutdown mode is
approximately 100µA internal to the LM5007 plus the current
in the R
ON resistor.
20078306
FIGURE 2. Self Biased Configuration
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com