Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5580CPWR Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV5580CPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580CPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV5580CPWR Datasheet HTML 12Page - Texas Instruments TLV5580CPWR Datasheet HTML 13Page - Texas Instruments TLV5580CPWR Datasheet HTML 14Page - Texas Instruments TLV5580CPWR Datasheet HTML 15Page - Texas Instruments TLV5580CPWR Datasheet HTML 16Page - Texas Instruments TLV5580CPWR Datasheet HTML 17Page - Texas Instruments TLV5580CPWR Datasheet HTML 18Page - Texas Instruments TLV5580CPWR Datasheet HTML 19Page - Texas Instruments TLV5580CPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
16
PRINCIPLE OF OPERATION
REFERENCE TERMINALS
The voltages on terminals REFBI and REFTI determine the TLV5580’s input range. Since the device has an
internal voltage reference generator with outputs available on REFBO respectively REFTO, corresponding
terminals can be directly connected externally to provide a contained ADC solution. Especially at higher
sampling rates, it is advantageous to have a wider analog input range. The wider analog input range is
achievable by using external voltage references (e.g., at AVDD = 3.3 V, the full scale range can be extended
from 1 Vpp (internal reference) to 1.3 Vpp (external reference) as shown in Table 1). These voltages should
not be derived via a voltage divider from a power supply source. Instead, use a bandgap-derived voltage
reference to derive both references via an op amp circuit. Refer to the schematic of the TLV5580 evaluation
module for an example circuit.
When using external references, the full-scale ADC input range and its dc position can be adjusted. The
full-scale ADC range is always equal to VREFT – VREFB. The maximum full-scale range is dependent on AVDD
as shown in the specification section. In addition to the limitation on their difference, VREFT and VREFB each
also have limits on their useful range. These limits are also dependent on AVDD.
Table 3 summarizes these limits for 3 cases.
Table 1. Recommended Operating Modes
AVDD
VREFB(min)
VREFB(max)
VREFT(min)
VREFT(max)
[VREFT−VREFB]max
3 V
0.8 V
1.2 V
1.8 V
2.2 V
1 V
3.3 V
0.8 V
1.2 V
2.1 V
2.5 V
1.3 V
3.6 V
0.8 V
1.2 V
2.4 V
2.8 V
1.6 V
DIGITAL INPUTS
The digital inputs are CLK, STDBY, PWDN_REF, and OE. All these signals, except CLK, have an internal
pull-down resistor to connect to digital ground. This provides a default active operation mode using internal
references when left unconnected.
The CLK signal at high frequencies should be considered as an analog input. Overshoot/undershoot should
be minimized by proper termination of the signal close to the TLV5580. An important cause of performance
degradation for a high-speed ADC is clock jitter. Clock jitter causes uncertainty in the sampling instant of the
ADC, in addition to the inherent uncertainty on the sampling instant caused by the part itself, as specified by
its aperture jitter. There is a theoretical relationship between the frequency (f) and resolution (2N) of a signal
that needs to be sampled and the maximum amount of aperture error dtmax that is tolerable. The following
formula shows the relation:
dtmax + 1 B p f2
N
)1
As an example, for an 8−bit converter with a 15-MHz input, the jitter needs to be kept <41 pF in order not to
have changes in the LSB of the ADC output due to the total aperture error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com