Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5580CPWR Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV5580CPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580CPWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV5580CPWR Datasheet HTML 13Page - Texas Instruments TLV5580CPWR Datasheet HTML 14Page - Texas Instruments TLV5580CPWR Datasheet HTML 15Page - Texas Instruments TLV5580CPWR Datasheet HTML 16Page - Texas Instruments TLV5580CPWR Datasheet HTML 17Page - Texas Instruments TLV5580CPWR Datasheet HTML 18Page - Texas Instruments TLV5580CPWR Datasheet HTML 19Page - Texas Instruments TLV5580CPWR Datasheet HTML 20Page - Texas Instruments TLV5580CPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
17
PRINCIPLE OF OPERATION
DIGITAL OUTPUTS
The output of TLV5580 is a standard binary code. Capacitive loading on the output should be kept as low as
possible (a maximum loading of 10 pF is recommended) to provide best performance. Higher output loading
causes higher dynamic output currents and can increase noise coupling into the device’s analog front end. To
drive higher loads, use an output buffer is recommended.
When clocking output data from TLV5580, it is important to observe its timing relation to CLK. Pipeline ADC
delay is 4.5 clock cycles to which the maximum output propagation delay is added. See Note 6 in the
specification section for more details.
LAYOUT, DECOUPLING AND GROUNDING RULES
It is necessary for any PCB using the TLV5580 to have proper grounding and layout to achieve the stated
performance. Separate analog and digital ground planes that are spliced underneath the device are advisable.
TLV5580 has digital and analog terminals on opposite sides of the package to make proper grounding easier.
Since there is no internal connection between analog and digital grounds, they have to be joined on the PCB.
Joining the digital and analog grounds at a point in close proximity to the TLV5580 is advised.
As for power supplies, separate analog and digital supply terminals are provided on the device (AVDD/DVDD).
The supply to the digital output drivers is kept separate also (DRVDD). Lowering the voltage on this supply from
the nominal 3.3 V to 3 V improves performance because of the lower switching noise caused by the output
buffers.
Due to the high sampling rate and switched-capacitor architecture, TLV5580 generates transients on the supply
and reference lines. Proper decoupling of these lines is essential. Decoupling as shown in the schematic of the
TLV5580 EVM is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com