Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5580CPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV5580CPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580CPWR Datasheet(HTML) 4 Page - Texas Instruments

  TLV5580CPWR Datasheet HTML 1Page - Texas Instruments TLV5580CPWR Datasheet HTML 2Page - Texas Instruments TLV5580CPWR Datasheet HTML 3Page - Texas Instruments TLV5580CPWR Datasheet HTML 4Page - Texas Instruments TLV5580CPWR Datasheet HTML 5Page - Texas Instruments TLV5580CPWR Datasheet HTML 6Page - Texas Instruments TLV5580CPWR Datasheet HTML 7Page - Texas Instruments TLV5580CPWR Datasheet HTML 8Page - Texas Instruments TLV5580CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
4
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AIN
26
I
Analog input
AVDD
16, 27
I
Analog supply voltage
AVSS
18, 23, 28
I
Analog ground
BG
17
O
Band gap reference voltage. A 1
µF capacitor (with an optional 0.1 µF capacitor in parallel) should be
connected between this terminal and AVSS for external filtering.
CLK
12
I
Clock input. The input is sampled on each rising edge of CLK.
CML
25
O
Common mode level. This voltage is equal to (AVDD − AVSS) ÷ 2. An external 0.1 µF capacitor should be
connected between this terminal and AVSS.
D0 − D7
2 − 9
O
Data outputs. D7 is the MSB
DRVDD
1
I
Supply voltage for digital output drivers
DRVSS
10
I
Ground for digital output drivers
DVDD
14
I
Digital supply voltage
OE
13
I
Output enable. When high the D0 − D7 outputs go in high-impedance mode.
DVSS
11
I
Digital ground
PWDN_REF
24
I
Power down for internal reference voltages. A high on this terminal will disable the internal reference circuit.
REFBI
21
I
Reference voltage bottom input. The voltage at this terminal defines the bottom reference voltage for the
ADC. It can be connected to REFBO or to an externally generated reference level. Sufficient filtering should
be applied to this input. The use a 0.1
µF capacitor connected between REFBI and AVSS is recommended.
Additionally, a 0.1
µF capacitor can be connected between REFTI and REFBI.
REFBO
22
O
Reference voltage bottom output. An internally generated reference is available at this terminal. It can be
connected to REFBI or left unconnected. A 1
µF capacitor between REFBO and AVSS will provide sufficient
decoupling required for this output.
REFTI
20
I
Reference voltage top input. The voltage at this terminal defines the top reference voltage for the ADC. It
can be connected to REFTO or to an externally generated reference level. Sufficient filtering should be
applied to this input. The use of a 0.1
µF capacitor between REFTI and AVSS is recommended. Additionally,
a 0.1
µF capacitor can be connected between REFTI and REFBI.
REFTO
19
O
Reference voltage top output. An internally generated reference is available at this terminal. It can be
connected to REFTI or left unconnected. A 1
µF capacitor between REFTO and AVSS will provide sufficient
decoupling required for this output.
STBY
15
I
Standby input. A high level on this input enables a power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com