Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5580CPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV5580CPWR
Description  8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5580CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV5580CPWR Datasheet HTML 10Page - Texas Instruments TLV5580CPWR Datasheet HTML 11Page - Texas Instruments TLV5580CPWR Datasheet HTML 12Page - Texas Instruments TLV5580CPWR Datasheet HTML 13Page - Texas Instruments TLV5580CPWR Datasheet HTML 14Page - Texas Instruments TLV5580CPWR Datasheet HTML 15Page - Texas Instruments TLV5580CPWR Datasheet HTML 16Page - Texas Instruments TLV5580CPWR Datasheet HTML 17Page - Texas Instruments TLV5580CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
TLV5580
8BIT, 80 MSPS LOW POWER A/D CONVERTER
SLAS205B − DECEMBER 1998 − REVISED OCTOBER 2003
www.ti.com
14
PRINCIPLE OF OPERATION
The TLV5580 implements a high-speed 80 MSPS converter in a cost-effective CMOS process. Powered from
3.3 V, the single-pipeline design architecture ensures low-power operation and 8 bit accuracy. Signal input and
clock signals are all single-ended. The digital inputs are 3.3 V TTL / CMOS compatible. Internal voltage
references are included for both bottom and top voltages. Therefore the converter forms a self-contained
solution. Alternatively the user may apply externally generated reference voltages. In doing so, both input offset
and input range can be modified to suit the application.
A high-speed sampling-and-hold captures the analog input signal. Multiple stages will generate the output code
with a pipeline delay of 4.5 CLK cycles. Correction logic combines the multistage data and aligns the 8-bit output
word. All digital logic operates at the rising edge of CLK.
ANALOG INPUT
AIN
CI
S1
RSW
RS
VS
TLV5580
Figure 12. Simplified Equivalent Input Circuit
A first-order approximation for the equivalent analog input circuit of the TLV5580 is shown in Figure 12. The
equivalent input capacitance CI is 4 pF typical. The input must charge/discharge this capacitance within the
sample period of one half clock cycle. When a full-scale voltage step is applied, the input source provides the
charging current through the switch resistance RSW (200 Ω) of S1 and quickly settles. In this case the input
impedance is low. Alternatively, when the source voltage equals the value previously stored on CI, the hold
capacitor requires no input current and the equivalent input impedance is very high.
To maintain the frequency performance outlined in the specifications, the total source impedance should be
limited to about 80
Ω, as follows from the equation with fCLK = 80 MHz, CI = 4 pF, RSW = 200 Ω:
R
S t
1
÷ 2f
CLK
C
I
In(256) –R
SW
So, for applications running at a lower fCLK, the total source resistance can increase proportionally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com