Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33991DH/R2 Datasheet(PDF) 30 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 30 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 26Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 27Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 28Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 29Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 30Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 31Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 32Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 33Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
30
4
POS1R
Move pointer to position 24 prior to RTZ.
Table 6
Check SO to see if Gauge 0 has moved.
- Is bit ST4 logic level 1? If so, gauge 0 has moved to the first microstep.
Table 12
5
PECR
Send null command to see if gauges have moved.
- Bit PE12.
Table 3
Check SO to see if Gauge 0 (Gauge 1) has moved
- Is bit ST4 (ST5) logic level 1? If so, Gauge 0 (Gauge 1) has moved another microstep.
Keep track of the movement. If 24 steps are finished, and both gauges are at a static
position, then RTZ. Otherwise repeat steps a) and b).
Table 12
6
RTZ
a. Return one Gauge at a time to the zero stop using RTZ command bit RZ0 selects the
gauge bit RZ1 is used to enable or disable an RTZ.
- Bits RZ3:RZ2 are used to select the RTZ accumulator bits clocking out on the SO pin.
Table 7
b. Select the RTZ accumulator bits clocking out on the SO bits ST15:ST8. These will be
used if characterizing the RTZ.
- Bits RZ3: RZ2 are used to select the bits.
Table 8
7
PECR
a. Check the Status of the RTZ by sending the null command to monitor SO bit ST2
- Bit PE12 is the null command.
Table 3
Is ST2 logic level 0? If not, Gauge 0 is still returning and null command should be resent.
Table 12
8
RTZ
Return the other gauge to the zero stop. If the second gauge is driving a different pointer
than the first, a new RTZCR command may be required to change the Full Step time.
Tables 7-8
9
PECR
a. Check the Status of the RTZ by sending the null command to monitor SO bit ST3
- Bit PE12 is the null command.
Table 3
Is ST3 logic level 0? If not, Gauge 1 is still returning. Null command should be resent.
Table 12
10
VELR
Change the maximum velocity of the gauge bits V8:V9. Determine which gauge(s) will
change the maximum velocity bits V7:V0. Determine the maximum velocity position from
the acceleration table.
Table 4
11
POS0R
Position Gauge 0 pointer
- Bits P0 11: P0 0: Desired Pointer Position.
Table 5
Check SO for Out of Range VPWR
- Bit ST6 logic level 1. Ifso, RTZafter valid VPWR.
Table 12
Check SO for Over Temperature bit ST0 logic level 1. If so, enable driver again. If ST0
continues to indicate Over Temperature, shut down Gauge 0. If ST2 returns to normal,
reestablish the zero reference by RTZ command.
12
POS1R
Position Gauge 1 pointer
- Bits P1 11:P1 0: Desired Pointer Position
Table 6
Check SO for Out of Range VPWR bit ST6 logic level 1. If so, RTZ after valid VPWR.
Table 12
Check SO for Over Temperature bit ST1 logic level 1. If so, enable driver again. If ST1
continues to indicate over temperature, shut down Gauge 1.
If ST1 returns to normal, reestablish the zero reference by RTZ command.
13
POS0R
a. Return the pointers close to zero position using POS0R
Table 5
b. Move pointer position at least 24 microsteps CW to the nearest full step prior to RTZ.
Table 15. GDIC SETUP, CONFIGURATION, & USAGE EXAMPLE (continued)
Step
Number
Command
Description
Table/Figure
Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com