Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33991DH/R2 Datasheet(PDF) 9 Page - Motorola, Inc

Part # PC33991DH/R2
Description  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 5Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 6Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 7Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 8Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 9Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 10Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 11Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 12Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33991
9
Characteristic
Symbol
Min
Typ
Max
Unit
SPI Timing Interface
Recommended Frequency of SPI Operation
fSPI
—
1
3
MHz
Falling edge of CS to Rising Edge of SCLK Required Setup Time) (Note9)
TLEAD
—
50
167
ns
Falling edge of SCLK to Rising Edge of CS (Required Setup Time)(Note9)
TLAG
—
50
167
ns
SI to Falling Edge of SCLK (Required Setup Time) (Note9)
TSLSU
—
25
83
ns
Falling Edge of SCLK to SI (Required Hold Time) (Note9)
TSI(HOLD)
—
25
83
ns
SO Rise Time (CL = 200 pF)
TrSO
—
25
50
ns
SO Fall Time (CL = 200 pF)
TfSO
—
25
50
ns
SI, CS, SCLK, Incoming Signal Rise Time (Note10)
TrSI
—
—
50
ns
SI, CS, SCLK, Incoming Signal Fall Time (Note10)
TfSI
—
—
50
ns
Falling Edge of RST to Rising Edge of RST (Required Setup Time) (Note9)
TwRST
—
—
3
µs
Rising Edge of CS to Falling Edge of CS (Required Setup Time) (Note9)
(Note11)
TCS
—
—
5
µs
Rising Edge of RST to Falling Edge of CS (Required Setup Time) (Note9)
TEN
—
—
5
µs
Time from Falling Edge of CS to SO Low Impedance (Note12)
TSO(EN)
—
—
145
ns
Time from Rising Edge of CS to SO High Impedance (Note13)
TSO(DIS)
—
1.3
4
µs
Time from Rising Edge of SCLK to SO Data Valid (Note14) 0.2 VDD <= SO
>= 0.8 VDD, CL = 200 pF
TVALID
—
65
105
ns
Notes:
9.
The maximum setup times specified for the 33991 is the minimum time needed from the microcontroller to guarantee correct operation.
10.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
11.
This value is for a 1 MHz calibrated internal clock; it will change proportionally as the internal clock frequency changes.
12.
Time required for output status data to be available for use at SO. 1 K
Ω load on SO.
13.
Time required for output status data to be terminated at SO. 1 K
Ω load on SO.
14.
Time required to obtain valid data out from SO following the rise of SCLK.
The device shall meet all SPI interface-timing requirements specified in the SPI Interface Timing, over the temperature range specified in the
environmental requirements section. Digital Interface timing is based on a symmetrical 50 percent duty cycle SCLK Clock Period of 333 ns. The
device shall be fully functional for slower clock speeds.
STATIC ELECTRICAL CHARACTERISTICS
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40° C < TJ < 150° C, unless otherwise noted)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com