Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUTA6 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTA6
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTA6 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320DM647CUTA6 Datasheet HTML 30Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 31Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 32Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 33Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 34Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 35Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 36Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 37Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 2-5. Terminal Functions (Ground and Power Supply) (continued)
TERMINAL
NO
TYPE(1)
INTERNAL
OPER
DESCRIPTION
NAME
PULLUP/
VOLT
PULLDOWN
RSV 15
A10
A
Reserved. Unconnected
RSV 16
A22
A
Reserved. Unconnected
RSV 17
V10
A
Reserved. Unconnected
RSV 18
F6
I
Reserved. These pins must be connected directly to 1.8-V I/O
supply(DVDD18) for proper device operation.
RSV 19
C2
Reserved. This pin must be connected to the 1.8-V I/O supply
(DVDD18) via a 200-Ω resistor for proper device operation.
NOTE: If the DDR2 Memory Controller is not used, the
DDR_VREF, RSV19, and RSV20 pins can be directly
connected to ground (VSS) to save power. However,
connecting these pins directly to ground will prevent boundary
scan from functioning on the DDR2 Memory Controller pins. To
preserve boundary-scan functionality on the DDR2 Memory
Controller pins, see Section 6.3.6.
RSV 20
C1
Reserved. This pin must be connected to ground (VSS) via a
200-
Ω resistor for proper device operation.
NOTE: If the DDR2 Memory Controller is not used, the RSV 19
and RSV 20 pins can be directly connected to ground (VSS) to
save power. However, connecting these pins directly to ground
will prevent boundary scan from functioning on the DDR2
Memory Controller pins. To preserve boundary-scan
functionality on the DDR2 Memory Controller pins, see
Section 6.3.6.
RSV 21
Y12
Reserved. This pin must be connected via a 20-
Ω resistor
directly to 3.3-V I/O Supply (DVDD33) for proper device
operation. The resistor used should have a minimal rating of
250 mW.
RSV 22
W12
Reserved. This pin must be connected via a 40-
Ω resistor
directly to ground (VSS) for proper device operation. The
resistor used should have a minimal rating of 100 mW.
2.7
Device Support
2.7.1
Development Support
TI offers an extensive line of development tools for the TMS320DM64x DMP platform, including tools to
evaluate the performance of the processors, generate code, develop algorithm implementations, and fully
integrate and debug software and hardware modules. The tools support documentation is electronically
available within the Code Composer Studio™ Integrated Development Environment (IDE).
The following products support development of TMS320DM64xx DMP-based applications:
Software Development Tools:
Code Composer Studio™ Integrated Development Environment (IDE): including Editor
C/C++/Assembly Code Generation, and Debug plus additional development tools
Scalable, Real-Time Foundation Software (DSP/BIOS™), which provides the basic run-time target
software needed to support any SoC application.
Hardware Development Tools:
Extended Development System (XDS™) Emulator (supports TMS320DM64x multiprocessor system
debug) EVM (Evaluation Module)
For a complete listing of development-support tools for the TMS320DM64x platform, visit the Texas
Instruments website at www.ti.com. For information on pricing and availability, contact the nearest TI
field sales office or authorized distributor.
34
Device Overview
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com