Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUTA6 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTA6
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTA6 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320DM647CUTA6 Datasheet HTML 63Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 64Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 65Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 66Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 67Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 68Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 69Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 70Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-6. PLL1 Clock Frequency Ranges
CLOCK SIGNAL
MIN
MAX
UNIT
CLKIN1
25
66.6
MHz
PLLREF (PLLEN = 1)(1)
25
66.6
MHz
PLLOUT (1)
400
720 (-720 devices)
MHz
400
800 (-800 devices)(2)
MHz
400
900 (-900 devices)
MHz
400
1100 (-1100 devices)
MHz
SYSCLK4
1/16P(3)
PLLOUT/ (2*(PLLDIV4.RATIO+1))(4)
MHz
(1)
Only applies when the PLL1 Controller is set to PLL mode (PLLEN = 1 in the PLLCTL register). Based on CLKIN1 and PLLOUT, PLL1
multiplier factor ranges from x16 to x32.
(2)
Only for Extended Temperature Range device (-800 MHz)
(3)
P = 1/CPU clock frequency in ns
(4)
PLLDIV4.RATIO =3
6.4.2
PLL1 Controller Operating Modes
The PLL1 controller has two modes of operation: bypass mode and PLL mode. The mode of operation is
determined by the PLLEN bit of the PLL control register (PLLCTL). In PLL mode, SYSREFCLK is
generated from the device input clock CLKIN1 using the divider PREDIV and the PLL multiplier PLLM. In
bypass mode, CLKIN1 is fed directly to SYSREFCLK.
All hosts (i.e., HPI) must hold off accesses to the DSP while the frequency of its internal clocks is
changing. A mechanism must be in place such that the DSP notifies the host when the PLL configuration
has completed.
6.4.3
PLL1 Stabilization, Lock, and Reset Times
The PLL stabilization time is the amount of time that must be allotted for the internal PLL regulators to
become stable after device power-up. The PLL should not be operated until this stabilization time has
finished.
The PLL reset time is the amount of wait time needed when resetting the PLL (writing PLLRST = 1) for the
PLL to properly reset, before bringing the PLL out of reset (writing PLLRST = 0). For the PLL1 reset time
value, see Table 6-7.
Table 6-7. PLL1 Stabilization, Lock, and Reset Times
MIN
TYP
MAX
UNIT
PLL stabilization time
150
μs
PLL lock time
2000 × C(1)
μs
PLL reset time
128 × C(1)
μs
(1)
C = CLKIN1 cycle time in ns. For example, when CLKIN1 frequency is 50 MHz, use C = 20 ns.
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
67
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com