Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUTA6 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTA6
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTA6 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320DM647CUTA6 Datasheet HTML 51Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 52Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 53Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 54Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 55Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 56Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 57Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 58Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
5.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
CVDD
Supply voltage, Core (1)
CVDDESS
Supply voltage, Ethernet Subsystem Core (1)
CVDD1
Supply voltage, DDR Core (1)
(-720, -800, -900, -
1.14
1.2
1.26
V
1100 devices)
AVDDA
Supply voltage, SerDes Analog (1)
DVDDD
Supply voltage, SerDes Digital (1)
AVDDT
Supply voltage, SerDes Analog (1)
DVDD33
Supply voltage, I/O, 3.3 V
3.14
3.3
3.46
V
DVDD18
Supply voltage, DDR I/O, 1.8 V
AVDLL1
Supply voltage, I/O, 1.8 V
1.71
1.8
1.89
V
AVDLL2
Supply voltage, I/O, 1.8 V
AVDDR
Supply voltage, 1.8-V SerDes Analog Supply (Regulator)
VSS
Supply ground (VSS)
0
0
0
V
DDR_VREF
DDR2 reference voltage(2)
0.49DVDD18
0.5DVDD18
0.51DVDD18
V
High-level input voltage, 3.3 V (except PCI-capable and I2C pins)
2
V
High-level input voltage, I2C
0.7DVDD33
V
VIH
PCI-capable pins
0.5DVDD33
DVDD33 + 0.5
V
DDR_VREF +
DDR2 memory controller pins (DC)
DVDD18 + 0.3
V
0.125
Low-level input voltage, 3.3 V(except PCI-capable and I2C pins)
0.8
V
Low-level input voltage, I2C
0
0.3DVDD33
V
VIL
PCI-capable pins
-0.5
0.3DVDD33
V
DDR2 memory controller pins (DC)
-0.3
DDR_VREF - 0.125
V
Commercial (3)
0
90
Tcase
Operating case temperature
Extended(4)
-40
105
Industrial
-40
90
(-1100 devices)(3)
33.3
1100
MHz
(-900 devices)
33.3
900
MHz
FSYSCLK1
DSP Operating Frequency (SYSCLK1)
(-720 devices)
33.3
720
MHz
(-800 devices)
33.3
800
MHz
(1)
Future variants of TI SOC devices may operate at voltages ranging from 0.9 V to 1.4 V to provide a range of system power/performance
options. TI highly recommends that users design-in a supply that can handle multiple voltages within this range (i.e., 1.0 V, 1.05 V,
1.1 V, 1.14 V, 1.2, 1.26 V with ± 3% tolerances) by implementing simple board changes such as reference resistor values or input pin
configuration modifications. Not incorporating a flexible supply may limit the system ability to easily adapt to future versions of TI SOC
devices.
(2)
DDR_VREF is expected to equal 0.5DVDDR2 of the transmitting device and to track variations in the DVDD18.
(3)
To avoid significant device degradation for 1.1GHz devices, the device power-on hours (POH) must be limited to less than 87.6K.
(4)
To avoid significant device degradation for extended temperature devices (- 40°C
≤ Tcase ≤ 105°C), the device power-on hours (POH)
must be limited to less than 50K.
Copyright © 2007–2012, Texas Instruments Incorporated
Device Operating Conditions
55
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com