Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUTA6 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTA6
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTA6 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320DM647CUTA6 Datasheet HTML 74Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 75Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 76Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 77Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 78Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 79Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 80Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 81Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-14. EDMA Channel Controller Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x02A0 2A00 - 0x02A0 2A97
-
Shadow Region 5 Channel Registers
0x02A0 2A98 - 0x02A0 2BFF
-
Reserved
0x02A0 2C00 - 0x02A0 2C97
-
Shadow Region 6 Channel Registers
0x02A0 2C98 - 0x02A0 2DFF
-
Reserved
0x02A0 2E00 - 0x02A0 2E97
-
Shadow Region 7 Channel Registers
0x02A0 2E98 - 0x02A0 2FFF
-
Reserved
Table 6-15 shows an abbreviation of the set of registers that make up the parameter set for each of 128
EDMA events. Each of the parameter register sets consist of eight 32-bit word entries. Table 6-16 shows
the parameter set entry registers with relative memory address locations within each of the parameter
sets.
Table 6-15. EDMA Parameter Set RAM
HEX ADDRESS RANGE
DESCRIPTION
0x02A0 4000 - 0x02A0 401F
Parameters Set 0 (8 32-bit words)
0x02A0 4020 - 0x02A0 403F
Parameters Set 1 (8 32-bit words)
0x02A0 4040 - 0x02A0 405F
Parameters Set 2 (8 32-bit words)
0x02A0 4060 - 0x02A0 407F
Parameters Set 3 (8 32-bit words)
0x02A0 4080 - 0x02A0 409F
Parameters Set 4 (8 32-bit words)
0x02A0 40A0 - 0x02A0 40BF
Parameters Set 5 (8 32-bit words)
...
...
0x02A0 4FC0 - 0x02A0 4FDF
Parameters Set 126 (8 32-bit words)
0x02A0 4FE0 - 0x02A0 4FFF
Parameters Set 127 (8 32-bit words)
...
...
0x02A0 5FC0 - 0x02A0 5FDF
Parameters Set 254 (8 32-bit words)
0x02A0 5FE0 - 0x02A0 5FFF
Parameters Set 255 (8 32-bit words)
...
...
0x02A0 7FC0 - 0x02A0 7FDF
Parameters Set 510 (8 32-bit words)
0x02A0 7FE0 - 0x02A0 7FFF
Parameters Set 511 (8 32-bit words)
Table 6-16. Parameter Set Entries
HEX OFFSET ADDRESS
ACRONYM
PARAMETER ENTRY
WITHIN THE PARAMETER SET
0x0000
OPT
Option
0x0004
SRC
Source Address
0x0008
A_B_CNT
A Count, B Count
0x000C
DST
Destination Address
0x0010
SRC_DST_BIDX
Source B Index, Destination B Index
0x0014
LINK_BCNTRLD
Link Address, B Count Reload
0x0018
SRC_DST_CIDX
Source C Index, Destination C Index
0x001C
CCNT
C Count
Table 6-17. EDMA3 Transfer Controller 0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A2 0000
PID
Peripheral Identification Register
02A2 0004
TCCFG
EDMA3TC Configuration Register
02A2 0008 - 02A2 00FC
-
Reserved
78
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com