Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150GGP Datasheet(PDF) 50 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 50 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 46Page - Texas Instruments TNETX3150GGP Datasheet HTML 47Page - Texas Instruments TNETX3150GGP Datasheet HTML 48Page - Texas Instruments TNETX3150GGP Datasheet HTML 49Page - Texas Instruments TNETX3150GGP Datasheet HTML 50Page - Texas Instruments TNETX3150GGP Datasheet HTML 51Page - Texas Instruments TNETX3150GGP Datasheet HTML 52Page - Texas Instruments TNETX3150GGP Datasheet HTML 53Page - Texas Instruments TNETX3150GGP Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
50
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
system control register at 0x00C3
BIT
7
6
5
4
3
2
1
0
RESET
LOAD
START
CLRSTS
STMAP
SECDIS
LONG
IOBMOD
Initial Values After Reset
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7
RESET
RESET = 1 places the TNETX3150/TNETX3150A in a software reset state. Writing a 0 clears the reset state and
allows for internal testing while keeping the ports disabled. RESET clears the port control register but does not
affect any other configuration registers. Configuration registers are cleared by a hardware reset (write to DIO
address 4000-7FFF).
6
LOAD
Load system. Writing a 1 to LOAD causes the TNETX3150/TNETX3150A DIO registers to auto-load from an
external EEPROM (if present). All registers in the DIO address range 0x00–0xC3 are loaded from the
corresponding EEPROM locations. Writing a 0 to LOAD has no effect. LOAD is read as a 1 until the auto-load is
complete.
LOAD is not auto-loaded. LOAD is always set to 0 by auto-load.
5
START
Start system. Writing a 1 to START causes the TNETX3150/TNETX3150A to begin operation. START is read as
a 1 until buffer memory initialization is complete. While buffers are being initialized, all ports are disabled. Writing
a 0 to START has no effect.
4
CLRSTS
Clear statistics. Writing a 1 to CLRSTS causes the TNETX3150/TNETX3150A to clear all its statistics counters.
The TNETX3150/TNETX3150A repeats clearing the statistics counters until CLRSTS is cleared.
3
STMAP
Statistic mapping. STMAP selects which statistic is recorded in multiple-function statistic counters. Setting STMAP
to a 1 selects the statistic to record the number of TX frames discarded on TX due to lack of resources. If STMAP
is reset to a 0, the statistic records the number of data errors at TX.
2
SECDIS
Disable ports on security violations. When SECDIS is set to a 1, address security violations cause a port to be
disabled. When SECDIS is set to a 0, address security violations cause a port to be suspended. Suspended ports
are reenabled when the offending condition is removed. Disabled ports can be reenabled only by management (by
setting port ENABLE bit).
1
LONG
Long frame handling. When LONG is set to a 1, the statistics counter for giant frames is recorded in the RX and
TX frame 1024–1518 bucket counter, which for this mode is redefined to become RX and TX frames 1024–1531.
Frames 1536 bytes or larger are truncated.
0
IOBMOD
IOB mode. When IOBMOD is set to a 1, broadcast/multicast frames are sent to a destination in sequence with
unicast frames from the same source port, using the IOB buffer linking mechanism. To ensure proper frame
forwarding, IOBMOD is set to a 1.
DRAM data register at 0x00D4–0x00D7
BIT
31
0
DRAM DATA
BIT
NAME
FUNCTION
31–0
DRAM DATA
DRAM Data. DRAM DATA holds a 32-bit data value that maps to the forward pointer field of a DRAM buffer
when accessed in DRAM test-access mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com