Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150GGP Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 8Page - Texas Instruments TNETX3150GGP Datasheet HTML 9Page - Texas Instruments TNETX3150GGP Datasheet HTML 10Page - Texas Instruments TNETX3150GGP Datasheet HTML 11Page - Texas Instruments TNETX3150GGP Datasheet HTML 12Page - Texas Instruments TNETX3150GGP Datasheet HTML 13Page - Texas Instruments TNETX3150GGP Datasheet HTML 14Page - Texas Instruments TNETX3150GGP Datasheet HTML 15Page - Texas Instruments TNETX3150GGP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
network monitoring (NMON) interface (see system NMON register at 0x00A2)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
NMON00
N3
O
Network monitor bit 00. The NMON00 function is determined by the logic state of MONRXTX and
MONWIDE bits. See
system NMON register.
NMON01
N2
O
Network monitor bit 01. The NMON01 function is determined by the logic state of MONRXTX and
MONWIDE bits. See
system NMON register.
NMON02
M4
O
Network monitor bit 02. The NMON02 function is determined by the logic state of MONRXTX and
MONWIDE bits. See
system NMON register.
NMON03
M3
O
Network monitor bit 03. The NMON03 function is determined by the logic state of MONRXTX and
MONWIDE bits. See
system NMON register.
NMON04
P3
O
Network monitor bit 04. The NMON04 function is determined by the logic state of MONRXTX and
MONWIDE bits. See
system NMON register.
NMON05
P4
O
Network monitor bit 05. The NMON05 function is determined by the logic state of MONRXTX and
MONWIDE bits. See
system NMON register.
NMON06
R1
O
Network monitor bit 06. The NMON06 function is determined by the logic state of MONRXTX and
MONWIDE bits. See
system NMON register.
DRAM interface
TERMINAL
I/O
DESCRIPTION
NAME†
NO.
I/O
DESCRIPTION
DA00
A23
DA01
A24
DA02
B23
DA03
C23
O
DRAM address bus DA00 DA07 is time multiplexed with row and column address strobes
DA04
C26
O
DRAM address bus. DA00–DA07 is time multiplexed with row and column address strobes.
DA05
D24
DA06
D25
DA07
D26
DX00
E23
DX01
E24
O
DRAM extended address lines. DX00–DX02 is time multiplexed with row and column address strobes.
DX02
E26
DCAS
F23
O
DRAM column address select. DCAS is the column address strobe.
DRAS
F26
O
DRAM row address select. DRAS is the row address strobe
† DD00 is the least-significant bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com