Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150GGP Datasheet(PDF) 77 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 77 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 73Page - Texas Instruments TNETX3150GGP Datasheet HTML 74Page - Texas Instruments TNETX3150GGP Datasheet HTML 75Page - Texas Instruments TNETX3150GGP Datasheet HTML 76Page - Texas Instruments TNETX3150GGP Datasheet HTML 77Page - Texas Instruments TNETX3150GGP Datasheet HTML 78Page - Texas Instruments TNETX3150GGP Datasheet HTML 79Page - Texas Instruments TNETX3150GGP Datasheet HTML 80Page - Texas Instruments TNETX3150GGP Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
77
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
external frame-wrap test mode
Similar to internal frame-wrap mode, the ports can be set to accept frame data that is wrapped at the PHY. This
permits network connections between the TNETX3150/TNETX3150A and the PHY to be verified. All frame data
for external frame-wrap testing must be received by port 00 (uplink). By using multicast/broadcast frames, traffic
is routed selectively between ports involved in the test (or return the frame directly) before retransmission on
port 00 (uplink) (see Figure 33).
External frame-wrap test mode is selected by setting the DPWRAP bit (bit 3) of the DIATST register. When
selected, the port is forced to receive the frame it transmits to the PHY (see DIATST register at 0x00DD).
By using broadcast or multicast frames and suitably setting the VLAN registers, frames are forwarded between
internally frame-wrapped ports before transmission of the frame on the source port.
09
08
07
06
05
10
11
12
13
14
00
04
03
02
01
TNETX3150/
TNETX3150A
PHY
PHY
PHY
PHY
Figure 33. External Frame-Wrap Test (wrapped between multiple ports
using broadcast frames and VLAN registers)
internal and external frame-wrap example
Perform the following steps to configure the TNETX3150/TNETX3150A for the internal frame-wrap
configuration:
NOTE:
No traffic should be received by the TNETX3150/TNETX3150A at this time; internal address
matching must be enabled and an external address matching device must be disabled.
Step 1.
With power on, place the TNETX3150/TNETX3150A in a reset state by writing 0x81 at address
0x00C3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com