Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150GGP Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 5Page - Texas Instruments TNETX3150GGP Datasheet HTML 6Page - Texas Instruments TNETX3150GGP Datasheet HTML 7Page - Texas Instruments TNETX3150GGP Datasheet HTML 8Page - Texas Instruments TNETX3150GGP Datasheet HTML 9Page - Texas Instruments TNETX3150GGP Datasheet HTML 10Page - Texas Instruments TNETX3150GGP Datasheet HTML 11Page - Texas Instruments TNETX3150GGP Datasheet HTML 12Page - Texas Instruments TNETX3150GGP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
10-/100-Mbit/s MAC interface (ports 01–02)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
M01COL
C8
I
Collision sense. Assertion of MXXCOL indicates network collision.
High
network collision
M02COL
D7
I
High = network collision
Low = no network collision
M01CRS
B8
I
Carrier sense. MXXCRS indicates a frame carrier signal is being received.
High
frame carrier
M02CRS
D3
I
High = frame carrier
Low = no frame carrier
M01PROTOCOL
A8
I
Interface protocol. MXXPROTOCOL indicates the protocol of the interface and is determined by the
logic level on the terminal. When high, it indicates a request/grant interface for datastreaming
M02PROTOCOL
D1
I
gg ,
q
g
g
applications. When low, it indicates a CSMA/CD interface. For standard Ethernet applications,
MXXPROTOCOL should be held low.
M01DUPLEX
C9
I/O
Duplex selector. MXXDUPLEX switches the interface between full- and half-duplex operation
(low
half duplex high
full duplex) The M01DUPLEX and M02DUPLEX inputs have active
M02DUPLEX
C1
I/O
(low = half duplex, high = full duplex). The M01DUPLEX and M02DUPLEX inputs have active
pulldown circuits used to force the outputs low when the FORCEHD bit is set.
M01LINK
D11
I
Link selector. MXXLINK indicates the condition of the port connection.
High
link
M02LINK
D2
I
High = link
Low = no link
M01RCLK
A9
I
Receive clock MXXRCLK source is from the external PHY or test device
M02RCLK
A3
I
Receive clock. MXXRCLK source is from the external PHY or test device.
M01RXDV
C11
I
Receive data valid. MXXRXDV indicates data on MXXRXD3–MXXRXD0 is valid.
High
valid data
M02RXDV
C4
I
High = valid data
Low = no valid data
M01RXER
B11
I
Receive error. MXXRXER indicates reception of a coding error on received data.
High
coding error
M02RXER
A5
I
High = coding error
Low = no coding error
M01RXD3
A10
M02RXD3
C5
M01RXD2
B10
Receive data Nibble receive data MXXRXD3 MXXRXD0 is from the physical media dependent
M02RXD2
D5
I
Receive data. Nibble receive data MXXRXD3–MXXRXD0 is from the physical media dependent
(PMD) front end. Data is synchronous to MXXRCLK. If the MWIDTH bit in the port control register
M01RXD1
C10
I
()
y
g
and the M00SPEED terminal are set low, then data is received on M01RXD0 and M02RXD0
terminals
M02RXD1
A4
terminals.
M01RXD0
D10
M02RXD0
B4
M01SPEED
A11
I
Bit-rate selection speed. The speed of the MAC interface is determined by the logic level on
MXXSPEED.
M02SPEED
D6
I
High = 100 Mbit/s
Low = 10 Mbit/s
M01TCLK
C12
I
Transmit clock MXXTCLK source is from the external PHY or test device
M02TCLK
C6
I
Transmit clock. MXXTCLK source is from the external PHY or test device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com