| Electronic Components Datasheet Search |
|
TNETX3150A Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150A Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 20 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 RX filtering of non-cut-through frames The TNETX3150/TNETX3150A filters RX frames (CRC, alignment, jabber, etc.) that contain errors when operating in store-and-forward mode. A frame that might be cut-through can be non-cut-through if its destination is busy. If it contains any error, it is filtered. The error is recorded in the relevant statistic counter, with all used buffers being recovered and returned to the free queue. deserialization The raw data is deserialized before further processing. The data is formed into 64-bit words. The received data is synchronized with the internal clock of the TNETX3150/TNETX3150A. receive control Receiver control is partitioned into two blocks: 1. The frame-control block schedules all receive operations (detection and removal of the preamble, extraction of the addresses and frame length, data handling, and CRC checking. Also included is a jabber-detection timer to detect greater-than-maximum-length frames being received on the network. 2. The FIFO-control block places the received data into the FIFO buffers, while also detecting and flagging erroneous data conditions in the flag byte. TNETX3150/TNETX3150A MXXDUPLEX terminals The MXXDUPLEX terminals are implemented as inputs with active pulldown circuitry, producing a pseudo-bidirectional terminal. An external PHY can weakly drive the DUPLEX line high, indicating an intention for duplex operation. the TNETX3150/TNETX3150A can override this DUPLEX terminal input by pulling the line low. This is detected by the PHY, which monitors the sense of the DUPLEX signal, causing it to operate in half-duplex mode. Thus, the TNETX3150/TNETX3150A can force the PHY into half-duplex operation when desired (during testing for example). See Figure 3. PHY Resistor Duplex Signal Weakly Driven Duplex Signal Sense Feedback TNETX3150/TNETX3150A Duplex Forced HD GND Active Pulldown Input Signal MXXDUPLEX Figure 3. MXXDUPLEX Signal Connection If the PHY is driven only in half-duplex operation, a pulldown resistor should be permanently attached to the DUPLEX signal. If the PHY is operated in full duplex (with the option of the TNETX3150/TNETX3150A forcing half duplex), a pullup resistor should be placed on the DUPLEX signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |