Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150A Datasheet(PDF) 28 Page - Texas Instruments

Part # TNETX3150A
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150A Datasheet(HTML) 28 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 24Page - Texas Instruments TNETX3150A Datasheet HTML 25Page - Texas Instruments TNETX3150A Datasheet HTML 26Page - Texas Instruments TNETX3150A Datasheet HTML 27Page - Texas Instruments TNETX3150A Datasheet HTML 28Page - Texas Instruments TNETX3150A Datasheet HTML 29Page - Texas Instruments TNETX3150A Datasheet HTML 30Page - Texas Instruments TNETX3150A Datasheet HTML 31Page - Texas Instruments TNETX3150A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
uplink-flow control protocol
The 200-Mbit/s handshake protocol is as follows:
D The upstream device holds flow-control signal (M00COL) high, preventing the TNETX3150/TNETX3150A
from transmitting frames on the uplink.
D When a frame is ready to transmit, the TNETX3150/TNETX3150A makes a request to the upstream device
by taking M00TXD00 high.
D When ready to receive, the upstream device, in response to seeing M00TXD00 go high, takes M00COL
low.
D The TNETX3150/TNETX3150A places the source port number on bits M00TXD00–M00TXD03.
D Four M00TCLK clock cycles after M00COL is driven low, M00TXEN is taken high and normal data transfer
occurs, starting with the destination address. No preamble is provided before the destination address in the
frame.
D When M00TXEN is taken low at the end of the frame, M00COL is taken high in preparation for the next
handshake. If the upstream device is busy, M00COL should be kept high even after M00TXD00 is taken
high, until the upstream congestion has cleared and transmission can continue. The next frame
transmission does not proceed until the handshake is performed. M00COL must be cycled before each
transmission.
D To operate in this mode M00UPLINK is held low, M00DUPLEX and M00PROTOCOL are held high, and the
in-order broadcast (IOB) option bit in the SYSCTRL register is set.
uplink frame control
If the uplink transmit FIFO underruns, a frame control-signal is provided on M00TXER during 200-Mbit/s uplink
operation to permit the reconstruction of frames using external logic (see Figure 10).
In uplink mode, M00TXER is low throughout a successful transmission. If a FIFO underrun occurs (due to
exceeding maximum memory bandwidth), the data in the FIFO continues to be transmitted until empty, at which
point the M00TXER signal is taken high. While M00TXER is high, the data transmitted from the uplink should
be discarded. When the next 64-byte data buffer is forwarded to the uplink transmit port, M00TXER is taken
low and normal transmission continues. If the following buffer updates are delayed, the FIFO again underruns,
causing M00TXER to go high once the data present in the FIFO is transmitted.
M00TXCLK
M00TXD7-M00TXD0
M00TXEN
Don’t Care
Byte 0
Don’t Care
M00TXER
128 bytes
Minimum Transmission
64 bytes
Minimum Transmission
Byte n
Byte n+1
Byte n+i
Byte n+i+1
Byte m
Figure 10. Uplink Frame Control for External Frame Reconstruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com