Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150A Datasheet(PDF) 73 Page - Texas Instruments

Part # TNETX3150A
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150A Datasheet(HTML) 73 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 69Page - Texas Instruments TNETX3150A Datasheet HTML 70Page - Texas Instruments TNETX3150A Datasheet HTML 71Page - Texas Instruments TNETX3150A Datasheet HTML 72Page - Texas Instruments TNETX3150A Datasheet HTML 73Page - Texas Instruments TNETX3150A Datasheet HTML 74Page - Texas Instruments TNETX3150A Datasheet HTML 75Page - Texas Instruments TNETX3150A Datasheet HTML 76Page - Texas Instruments TNETX3150A Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
73
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
IOB operation (continued)
First Data Buffer of the IOB Frame
Last Data Buffer of the IOB Frame
Transmit Queue 0
Transmit Queue 1
Transmit Queue n
Transmit Queue 0
Transmit Queue 1
Transmit Queue n
Buffers Linked in
Transmit Queues
Note the index buffer is appended
to the normal buffer queue for IOB.
Individual Transmit Queues
Referenced From the Lookup
Table Maintained in the Index
Buffer of the IOB Frame
Tag Field
Return Address
Transmit Queue Pointer 0
Transmit Queue Pointer 1
Transmit Queue Pointer 2
Transmit Queue Pointer 11
Transmit Queue Pointer 12
Transmit Queue Pointer 13
Transmit Queue Pointer 14
The return address points to the head of the
IOB frame data. This permits the buffers to
be added to the top of the free queue when
all transmissions have occurred.
When linked to the respective transmit queue, the tag field
contains tags for each transmit port linked. Once IOB data has
been transmitted for the port, the tag is cleared. When all tags
are clear, the buffers are returned to the free buffer port.
The same IOB frame is linked
to each transmit queue it is
to be transmitted from.
Buffers Linked in
Transmit Queues
Figure 30. IOB Operation
frame echoing
If a frame enters on a port whose address matches the destination address of the frame, the frame is not echoed
back on the port. A general rule is that no frame is echoed back to the port on which it was received. If frame
routing is being performed by the EAM interface, it is the user’s responsibility to enforce this since it is not
enforced by the TNETX3150/TNETX3150A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com