Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150A Datasheet(PDF) 41 Page - Texas Instruments

Part # TNETX3150A
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150A Datasheet(HTML) 41 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 37Page - Texas Instruments TNETX3150A Datasheet HTML 38Page - Texas Instruments TNETX3150A Datasheet HTML 39Page - Texas Instruments TNETX3150A Datasheet HTML 40Page - Texas Instruments TNETX3150A Datasheet HTML 41Page - Texas Instruments TNETX3150A Datasheet HTML 42Page - Texas Instruments TNETX3150A Datasheet HTML 43Page - Texas Instruments TNETX3150A Datasheet HTML 44Page - Texas Instruments TNETX3150A Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
41
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
port-N control register at 0x8*N + 0000 (N = port number in hex)
RESET
INITIAL VALUES AFTER RESET
CONDITIONS
BIT
7
6
5
4
3
2
1
0
DISABLE
ENABLE
STFORTX
STFORRX
ADRDIS
MWIDTH
TXPACE
FORCEHD
M00UPLINK = 1
0
0
0
0
0
0
0
0
M00UPLINK = 0
ports 01–14
0
0
0
1
1
0
0
0
M00UPLINK = 0
port 00
0
0
0
1
0
0
0
0
BIT
NAME
FUNCTION
7
DISABLE
Port disable. Writing a 1 to DISABLE disables the port. Frames are not forwarded from or to a disabled port. The
port, however, attempts to transmit any previously queued frames.
DISABLE is a latched bit. It is set by both hard and soft reset.
6
ENABLE
Port enable. Writing a 1 to ENABLE enables the port if the DISABLE bit is not set. Writing a 0 to ENABLE has no
effect. ENABLE is always read as 0.
5
STFORTX
Store and forward on transmission. Cut-through to this port is not allowed when STFORTX = 1.
4
STFORRX
Store and forward on receive. Cut-through from this port is disabled when STFORRX = 1.
3
ADRDIS
Address match disable. When ADRDIS = 1, the port does not take part in address-matching activity. Addresses
are not captured for this port and any stored address is invalidated. Frames are not forwarded to the port except
by EAM or BRUN functions. This permits selection between the ports that use external and internal address
mappings.
This
allows
the
external
address-match
engine
to
be
restricted
to
a
subset
of
TNETX3150/TNETX3150A ports using the internal single-address lookup. If all ADRDIS bits = 1, all ports rely on
the external address-match hardware. If a no-match code is received, the frame is discarded. If the uplink ADRDIS
bit is set and a frame address has not been matched, the frame is discarded. ADRDIS should be set for all ports
using external address hardware to discard frames using the EAM no-operation code.
2
MWIDTH
MII width selection. MWIDTH is valid only on 10-/100-Mbit/s capable ports (ports 00, 01, 02). When MWIDTH =
1 and the port is operated in 10-Mbit/s mode, the interface is operated in nibble-serial mode. When MWIDTH = 0,
the interface is operated in bit-serial mode.
1
TXPACE
Transmit pacing. When TXPACE = 1, the port uses transmission pacing to enhance performance. When
TXPACE = 0, transmit pacing is disabled.
0
FORCEHD
Force half duplex. When FORCEHD = 1, the DUPLEX terminal is pulled down (active pulldown on the input), forcing
the PHY to operate in half-duplex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com