Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBT2907AW Datasheet(PDF) 4 Page - Formosa MS

Part # FMBT2907AW
Description  PNP SMD Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2907AW Datasheet(HTML) 4 Page - Formosa MS

  FMBT2907AW Datasheet HTML 1Page - Formosa MS FMBT2907AW Datasheet HTML 2Page - Formosa MS FMBT2907AW Datasheet HTML 3Page - Formosa MS FMBT2907AW Datasheet HTML 4Page - Formosa MS FMBT2907AW Datasheet HTML 5Page - Formosa MS FMBT2907AW Datasheet HTML 6Page - Formosa MS FMBT2907AW Datasheet HTML 7Page - Formosa MS FMBT2907AW Datasheet HTML 8Page - Formosa MS FMBT2907AW Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Fig 1. Saturated Turn-On Switching Time
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Switching time equivalent test circuits
- 30V
< 200ns
Fig 2.Saturated Turn-Off Switching Time
+ 3V
37Ω
1.0k
Ω
50
Ω
1.0k
Ω
+ 15V
- 16V
0
< 200ns
+ 3V
200
Ω
1.0k
Ω
50
Ω
0
0.1
0.3
1.0
3.0
10
30
100
300
500
400
300
200
100
0
I , Collector Current, (mA)
C
FIG.3-Typical Pulsed Current Gain vs Collect Current
FIG.4-Collect-Emitter Saturation Voltage vs Collect Current
I , Collector Current, (mA)
C
FIG.5-Base-Emitter Saturation Voltage vs Collector Current
FIG.6-Base-Emitter On Voltage vs Colltector Current
Collector Current, I (mA)
C
Collector Current, I (mA)
C
Document ID
Issued Date
Revised Date
Revision
Page.
Rating and characteristic curves (FMBT2907AW)
125 C
O
25 C
O
-40 C
O
V= 5V
CE
1
10
100
500
0.5
0.4
0.3
0.2
0.1
0
b = 10
25 C
O
-40 C
O
25 C
O
125 C
O
1
10
100
500
1
0.8
0.6
0.4
0.2
0
125 C
O
25 C
O
-40 C
O
b = 10
0.1
1
10
25
1
0.8
0.6
0.4
0.2
0
125 C
O
25 C
O
-40 C
O
V= 5V
CE
DS-231134
2009/08/10
2010/03/10
B
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com