Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBT2907AW Datasheet(PDF) 7 Page - Formosa MS

Part # FMBT2907AW
Description  PNP SMD Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2907AW Datasheet(HTML) 7 Page - Formosa MS

  FMBT2907AW Datasheet HTML 1Page - Formosa MS FMBT2907AW Datasheet HTML 2Page - Formosa MS FMBT2907AW Datasheet HTML 3Page - Formosa MS FMBT2907AW Datasheet HTML 4Page - Formosa MS FMBT2907AW Datasheet HTML 5Page - Formosa MS FMBT2907AW Datasheet HTML 6Page - Formosa MS FMBT2907AW Datasheet HTML 7Page - Formosa MS FMBT2907AW Datasheet HTML 8Page - Formosa MS FMBT2907AW Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Packing information
Page 7
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
FMBT2907AW
DS-231134
2009/08/10
2010/03/10
B
9
PNP SMD Transistor
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Item
Tolerance
SOT-323
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.55
-
178.00
-
54.40
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
12.30
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
2.25
2.55
1.19



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com