Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1102 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1102
Description  8-Bit CODECs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1102 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1102 Datasheet HTML 8Page - Maxim Integrated Products MAX1102 Datasheet HTML 9Page - Maxim Integrated Products MAX1102 Datasheet HTML 10Page - Maxim Integrated Products MAX1102 Datasheet HTML 11Page - Maxim Integrated Products MAX1102 Datasheet HTML 12Page - Maxim Integrated Products MAX1102 Datasheet HTML 13Page - Maxim Integrated Products MAX1102 Datasheet HTML 14Page - Maxim Integrated Products MAX1102 Datasheet HTML 15Page - Maxim Integrated Products MAX1102 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
automatically returns to track mode, and the next eight
clock cycles shift out the result on DOUT.
A minimum of 3.5µs in track mode is required for com-
plete acquisition.
DAC Continuous Conversion Mode
Once the DAC is configured in continuous conversion
mode, the analog output, OUT, is updated at the rising
edge of every eighth clock pulse (Figure 7). To exit
DAC continuous conversion mode, toggle CS. The
device requires a new control word before any further
conversions take place.
ADC Continuous Conversion Mode
Set C0 = 1 to select continuous conversion mode. The
falling edge of SCLK after the eighth bit of the control
word causes the ADC to switch from track to hold
mode and begin conversion. To avoid corruption of the
conversion result, SCLK must be disabled for 36µs
(Figure 8). After completing the conversion, the ADC
8-Bit CODECs
______________________________________________________________________________________
13
SCLK
OUT
CS
S
DAC
ADDR
DAC OFF
S
DAC
ADDR
DAC ON
DAC
DATA
DAC
DATA
DAC
DATA
DAC
DATA
DAC
DATA
DAC
DATA
DAC
DATA
DAC
DATA
DIN
Figure 7. DAC Continuous Conversion Mode Timing Diagram
SCLK
AIN
DOUT
CS
SS
ADC
ADDR
ADC ON
S
ADC
ADDR
ADC ON
S
ADC
ADDR
ADC ON
ADC
ON
S ADC
ON
DIN
1
2
3
tCONV
MSB LSB
CONVERSION
RESULT FOR 1
T/MIN ACQUISITION
MODE
MSB LSB
CONVERSION
RESULT FOR 2
MSB LSB
CONVERSION
RESULT FOR 3
MSB LSB
CONVERSION
RESULT FOR 4
MSB LSB
CONVERSION
RESULT FOR 5
MSB LSB
CONVERSION
RESULT FOR 6
4
5
6
7
Figure 8. ADC Continuous Conversion Mode Timing Diagram
OUTPUT CODE
FULL-SCALE
TRANSITION
11111111
11111110
11111101
00000011
00000010
00000001
00000000
0.5 1.5 2.5
0
FS
FS - 1.5LSB
INPUT VOLTAGE (LSB)
(IN-)
Figure 9. ADC Input/Output Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com