Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1102 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1102
Description  8-Bit CODECs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1102 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1102 Datasheet HTML 3Page - Maxim Integrated Products MAX1102 Datasheet HTML 4Page - Maxim Integrated Products MAX1102 Datasheet HTML 5Page - Maxim Integrated Products MAX1102 Datasheet HTML 6Page - Maxim Integrated Products MAX1102 Datasheet HTML 7Page - Maxim Integrated Products MAX1102 Datasheet HTML 8Page - Maxim Integrated Products MAX1102 Datasheet HTML 9Page - Maxim Integrated Products MAX1102 Datasheet HTML 10Page - Maxim Integrated Products MAX1102 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
_______________________________________________________________________________________
7
8-Bit CODECs
SCLK
POSITIVE SETTLING TIME
MAX1102 toc19
1
µs/div
OUT
3V
0
1V/div
SCLK
NEGATIVE SETTLING TIME
MAX1102 toc20
1
µs/div
OUT
3V
0
1V/div
SCLK
CLOCK FEEDTHROUGH
MAX1102 toc21
1
µs/div
OUT
3V
0
2mV/div
-140
-100
-120
-60
-80
-20
-40
0
04
6
2
8
10
12
14
ADC FFT
FREQUENCY (kHz)
VDD = +4.5V
FSAMPLE = 24.576kHz
FL = 10.002kHz
-120
-80
-100
-60
0
20
-20
-40
40
0
2345
1
6789
10
DAC FFT
FREQUENCY (kHz)
VDD = +4.5V
Typical Operating Characteristics (continued)
(VDD = +3.0V (MAX1102), VDD = +5V (MAX1103), fSCLK = 6.0MHz (50% duty cycle), ROUT = 10k
Ω, COUT = 100pF, TA = +25°C,
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com